Electronic Components Datasheet Search
  English  ▼

X  

MP2328 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2328
Description  High-Efficiency, 28V, 2A, 450kHz, Synchronous Step-Down Converter In SOT583 Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2328 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2328 Datasheet HTML 1Page - Monolithic Power Systems MP2328 Datasheet HTML 2Page - Monolithic Power Systems MP2328 Datasheet HTML 3Page - Monolithic Power Systems MP2328 Datasheet HTML 4Page - Monolithic Power Systems MP2328 Datasheet HTML 5Page - Monolithic Power Systems MP2328 Datasheet HTML 6Page - Monolithic Power Systems MP2328 Datasheet HTML 7Page - Monolithic Power Systems MP2328 Datasheet HTML 8Page - Monolithic Power Systems MP2328 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
MP2328
High-Efficiency, 28V, 2A, 450kHz,
Synchronous Step-Down Converter
In SOT583 Package
MP2328 Rev. 1.0
www.MonolithicPower.com
1
12/11/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
DESCRIPTION
The MP2328 is a fully integrated, high-
frequency, synchronous, rectified, step-down
switch-mode converter with internal power
MOSFETs. It offers a very compact solution to
achieve 2A of continuous output current across
a wide input range, with excellent load and line
regulation. The MP2328 has synchronous
mode operation for high efficiency across the
wide output current load range.
Constant-on-time (COT) control provides very
fast transient response and easy loop design,
as well as tight output regulation.
Full protection features include short-circuit
protection (SCP), over-current protection (OCP),
under-voltage protection (UVP), and thermal
shutdown.
The MP2328 requires a minimal number of
readily available, standard external components.
It is available in a space-saving SOT583
package.
FEATURES
 Wide 4.5V to 28V Operating Input Range
 Wide 0.5V to 16V VOUT
 ±1.5% Internal Reference Accuracy Over-
Temperature
 130mΩ/60mΩ Low RDS(ON) Internal Power
MOSFETs
 160µA Quiescent Current
 >92% Efficiency for 24V to 5V/2A Condition
 Power Save Mode at Light Load
 Fast Load Transient Response
 450kHz Switching Frequency
 tON Extension to Improve Dropout
 Configurable Soft-Start Time
 Power Good Indication
 Over-Current Protection with Hiccup Mode
 Thermal Shutdown Protection
 Available in an SOT583 Package
Optimized Performance with
MPS Inductor MPL-AL
Series
APPLICATIONS
 Game Consoles
 Multi-Function Printers
 Power Meters
 Flat Panel Televisions and Monitors
 General-Purpose Power Supplies
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
registered trademarks of Monolithic Power Systems, Inc. or its subsidiaries.
TYPICAL APPLICATION
C3
0.1μF
MP2328
VIN
C1
10μF x 2
VIN 6.5V to 28V
EN
On/Off
SS
C4
22nF
SW
BST
C2
22μF x 2
FB
R1
90.9kΩ
R2
10kΩ
PG
GND
VOUT
5V/2A
L1
10μH
R6
10kΩ
Efficiency
VOUT = 5V, L = 10μH, DCR = 24mΩ
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
LOAD CURRENT(A)
Vin=12V
Vin=19V
Vin=24V


Similar Part No. - MP2328

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2321 MPS-MP2321 Datasheet
4Mb / 24P
19V, 2A, 40uA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
MP2321 MPS-MP2321 Datasheet
1Mb / 24P
19V, 2A, 40μA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
5/24/2019 Rev. 1.1
MP2321GD MPS-MP2321GD Datasheet
4Mb / 24P
19V, 2A, 40uA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
MP2321GD MPS-MP2321GD Datasheet
1Mb / 24P
19V, 2A, 40μA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
5/24/2019 Rev. 1.1
MP2321GD-P MPS-MP2321GD-P Datasheet
1Mb / 24P
19V, 2A, 40μA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
5/24/2019 Rev. 1.1
More results

Similar Description - MP2328

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5269 AME-AME5269 Datasheet
346Kb / 18P
2A, 28V, 340KHz Synchronous Rectified Step-Down Converter
logo
Monolithic Power System...
MP4420 MPS-MP4420 Datasheet
748Kb / 20P
High Efficiency 2A, 36V, Synchronous Step Down Converter
MP4420A MPS-MP4420A Datasheet
1Mb / 20P
2A, 36V, High-Efficiency, Synchronous, Step-Down Converter
MP4420H MPS-MP4420H Datasheet
768Kb / 20P
High Efficiency 2A, 36V, Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7212E ACE-ACE7212E Datasheet
489Kb / 10P
18V, 2A, High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
ETA SOLUTIONS CO. LIMIT...
ETA1483 ETA-ETA1483 Datasheet
238Kb / 1P
2A, 18V High Efficiency Synchronous Step-Down Converter
ETA1652 ETA-ETA1652 Datasheet
205Kb / 1P
18V, 2A High Efficiency Synchronous Step-Down Converter in SOT563
ETA8120 ETA-ETA8120 Datasheet
199Kb / 1P
18V, 2A, High Efficiency Synchronous Step-Down Converter in SOT23-6
logo
Monolithic Power System...
MP2338 MPS-MP2338 Datasheet
1Mb / 25P
High-Efficiency, 28V, 3A, 450kHz, Synchronous Step-Down Converter In SOT583 Package
Rev. 1.0 12.11.2020
logo
Unisonic Technologies
UD052012 UTC-UD052012 Datasheet
240Kb / 9P
HIGH EFFICIENCY 1MHz 2A SYNCHRONOUS STEP DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com