Electronic Components Datasheet Search
  English  ▼

X  

MP2328 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2328
Description  High-Efficiency, 28V, 2A, 450kHz, Synchronous Step-Down Converter In SOT583 Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2328 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2328 Datasheet HTML 7Page - Monolithic Power Systems MP2328 Datasheet HTML 8Page - Monolithic Power Systems MP2328 Datasheet HTML 9Page - Monolithic Power Systems MP2328 Datasheet HTML 10Page - Monolithic Power Systems MP2328 Datasheet HTML 11Page - Monolithic Power Systems MP2328 Datasheet HTML 12Page - Monolithic Power Systems MP2328 Datasheet HTML 13Page - Monolithic Power Systems MP2328 Datasheet HTML 14Page - Monolithic Power Systems MP2328 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
MP2328 – 28V, 2A, SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP2328 Rev. 1.0
www.MonolithicPower.com
11
12/11/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, VOUT = 5V, L = 10μH, TA = 25°C, unless otherwise noted.
Input Power Shutdown
IOUT = 2A
Start-Up through Enable
IOUT = 0A
CH1: VOUT
CH2: VIN
CH3: VSW
CH4: IL
CH1: VOUT
CH2: VEN
CH3: VSW
CH4: IL
Start-Up through EN
IOUT = 2A
Shutdown through EN
IOUT = 0A
CH1: VOUT
CH2: VEN
CH3: VSW
CH4: IL
CH1: VOUT
CH2: VEN
CH3: VSW
CH4: IL
Shutdown through EN
IOUT = 2A
Load Transient
IOUT = 0A to 1A
CH1: VOUT
CH2: VEN
CH3: VSW
CH4: IL
CH1:
VOUT/AC
CH4: IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com