Electronic Components Datasheet Search
  English  ▼

X  

MP2328 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP2328
Description  High-Efficiency, 28V, 2A, 450kHz, Synchronous Step-Down Converter In SOT583 Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2328 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP2328 Datasheet HTML 13Page - Monolithic Power Systems MP2328 Datasheet HTML 14Page - Monolithic Power Systems MP2328 Datasheet HTML 15Page - Monolithic Power Systems MP2328 Datasheet HTML 16Page - Monolithic Power Systems MP2328 Datasheet HTML 17Page - Monolithic Power Systems MP2328 Datasheet HTML 18Page - Monolithic Power Systems MP2328 Datasheet HTML 19Page - Monolithic Power Systems MP2328 Datasheet HTML 20Page - Monolithic Power Systems MP2328 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
MP2328 – 28V, 2A, SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP2328 Rev. 1.0
www.MonolithicPower.com
17
12/11/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider sets the output
voltage. Choose a value for R2. R2 should be
chosen reasonably, as a smaller-value resistor
results in considerable quiescent current loss,
while a larger-value resistor makes FB sensitive
to noise. Typically, set the current through R2 to
be between 5µA and 50µA for an optimal
balance between system stability and no-load
loss. Then R1 can be calculated with Equation
(4):
OUT
REF
REF
VV
R1
R2
V

(4)
Figure 3 shows the feedback circuit. RT is an
optional resistor for feedback compensation.
MP2328
FB
R1
R2
VOUT
RT
CFF
Figure 3: Feedback Network
Table 1 lists the recommended parameters for
common output voltages.
Table 1: Parameter Selection for Common
Output Voltages
VOUT
(V)
R1
(kΩ)
R2
(kΩ)
RT
(kΩ)
CFF
(pF)
L
(μH)
1
51
51
10
82
3.3
1.8
51
16.9
10
470
4.7
2.5
51
12.7
10
470
6.8
3.3
51
9.09
10
470
10
5
90.9
10
10
300
10
12
255
11
10
82
15
Selecting the Inductor
The inductor must supply constant current to
the output load while being driven by the
switched input voltage. A larger-value inductor
results in less ripple current and a lower output
ripple voltage. However, a larger-value inductor
has a larger physical footprint, higher series
resistance, and lower saturation current. The
inductance value can be calculated with
Equation (5):
OUT
OUT
sw
L
IN
VV
L=
(1-
)
fI
V

(5)
Where ∆IL is the peak-to-peak inductor ripple
current.
The inductor should not saturate under the
maximum inductor peak current. The peak
inductor current can be estimated with Equation
(6):
OUT
OUT
LP
OUT
sw
IN
VV
I=I
(1-
)
2f
L
V


(6)
MPS inductors are optimized and tested for use
with our complete line of integrated circuits.
Table
2
lists
our
power
inductor
recommendations. Select a part number based
on your design requirements.
Table 2: Power Inductor Selection
Part Number
Inductor
Value
Manufacturer
MPL-AL
2.2µH to
15µH
MPS
MPL-AL-6050-3R3
3.3μH
MPS
MPL-AL-6060-4R7
4.7μH
MPS
MPL-AL6060-6R8
6.8μH
MPS
MPL-AL6060-100
10μH
MPS
MPL-AL6060-150
15μH
MPS
Visit MonolithicPower.com under Products >
Inductors for more information.
Selecting the Input Capacitor
The step-down converter has a discontinuous
input current, and requires a capacitor to supply
the
AC
current
to
the
converter
while
maintaining the DC input voltage. Ceramic
capacitors are recommended for the best
performance, and they should be placed as
close to the VIN pin as possible. Capacitors
with
X5R
and
X7R
dielectrics
are
recommended because they are fairly stable
with temperature fluctuations.
The capacitors must also have a ripple current
rating greater than the maximum input ripple
current of the converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com