Electronic Components Datasheet Search
  English  ▼

X  

MP2328 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP2328
Description  High-Efficiency, 28V, 2A, 450kHz, Synchronous Step-Down Converter In SOT583 Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2328 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP2328 Datasheet HTML 10Page - Monolithic Power Systems MP2328 Datasheet HTML 11Page - Monolithic Power Systems MP2328 Datasheet HTML 12Page - Monolithic Power Systems MP2328 Datasheet HTML 13Page - Monolithic Power Systems MP2328 Datasheet HTML 14Page - Monolithic Power Systems MP2328 Datasheet HTML 15Page - Monolithic Power Systems MP2328 Datasheet HTML 16Page - Monolithic Power Systems MP2328 Datasheet HTML 17Page - Monolithic Power Systems MP2328 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
MP2328 – 28V, 2A, SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP2328 Rev. 1.0
www.MonolithicPower.com
14
12/11/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
OPERATION
The MP2328 is a fully integrated, synchronous,
rectified, step-down switch-mode converter.
Constant-on-time (COT) control is employed to
provide fast transient response and ease loop
stabilization.
At the beginning of each cycle, the high-side
MOSFET (HS-FET) turns on when the FB
voltage (VFB) drops below the reference voltage
(VREF). The HS-FET turns on for a fixed interval
determined by the one-shot on-timer. The on-
timer is determined by both the output voltage
and input voltage to keep the switching
frequency fairly constant across the input
voltage range. After the on period finishes, the
HS-FET turns off until the next period begins.
By repeating this operation, the converter
regulates the output voltage.
Continuous conduction mode (CCM) occurs
when the output current is high and the inductor
current is always above 0A. The low-side
MOSFET (LS-FET) turns on when the HS-FET
is off state to minimize conduction loss. There is
a dead short between the input and GND if both
the HS-FET and LS-FET turn on at the same
time. This is called shoot-through. To prevent
shoot-through, a dead time is generated
internally between the HS-FET off and LS-FET
on times, or vice versa.
When the MP2328 works in pulse-frequency
modulation (PFM) mode during light-load
operation. In PFM, the device automatically
reduces the switching frequency to maintain
high efficiency, and the inductor current drops
almost to 0A. When the inductor current
reaches 0A, the low-side driver enters tri-state
(Hi-Z). The output capacitors discharge slowly
to GND through feedback resistors. When VFB
drops below the reference voltage, the HS-FET
turns on. This operation greatly improves
device efficiency when the output current is low.
Light-load operation is also called skip mode
because the HS-FET does not turn on as
frequently
as
it
does
under
heavy-load
conditions. The frequency at which the HS-FET
turns on is a function of the output current. As
the output current increases, the time period
that the current modulator regulates becomes
shorter, and the HS-FET turns on more
frequently.
Then
the
switching
frequency
increases. The output current (IOUT) reaches
critical levels when the current modulator time
is 0µs. IOUT can be estimated with Equation (1):
IN
OUT
OUT
OUT
sw
IN
V-V
V
l=
2L f
V

(1)
The MP2328 reverts to pulse-width modulation
(PWM) mode once the output current exceeds
the critical level. Afterward, the switching
frequency remains fairly constant across the
output current range.
Enable (EN) Control
The enable (EN) pin can enable or disable the
entire chip. Pull EN high to turn the converter
on. Pull EN low to turn the converter off.
For automatic start-up, EN can be pulled up to
the input voltage through a resistive voltage
divider. There is an internal 1MΩ resistor from
EN to GND. To calculate the automatic start-up
voltage, determine the values of the pull-up
resistor (RUP, from VIN to EN) and pull-down
resistor (RDOWN, from EN to GND) with Equation
(2):
UP
DOWN
IN_START
DOWN
R
R
//1000kΩ
V1.3
R
//1000kΩ

(2)
For
example,
if
RUP
=
191kΩ
and
RDOWN = 49.9kΩ, set VIN-START to 6.5V.
To avoid damaging the internal circuit, the EN
voltage must not exceed 6V.
Under-Voltage Lockout (UVLO)
VIN under-voltage lockout (UVLO) protects the
chip from operating at an insufficient supply
voltage. The UVLO rising threshold on VIN is
about 3.96V, and its falling threshold is about
3.63V.
Soft Start (SS)
The MP2328 employs a soft start (SS)
mechanism to ensure smooth output ramping
during start-up.
When the part starts, an internal current source
(typically 7.5μA) charges up the SS capacitor to
generate a soft-start voltage (VSS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com