Electronic Components Datasheet Search
  English  ▼

X  

MP2328 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP2328
Description  High-Efficiency, 28V, 2A, 450kHz, Synchronous Step-Down Converter In SOT583 Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2328 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP2328 Datasheet HTML 14Page - Monolithic Power Systems MP2328 Datasheet HTML 15Page - Monolithic Power Systems MP2328 Datasheet HTML 16Page - Monolithic Power Systems MP2328 Datasheet HTML 17Page - Monolithic Power Systems MP2328 Datasheet HTML 18Page - Monolithic Power Systems MP2328 Datasheet HTML 19Page - Monolithic Power Systems MP2328 Datasheet HTML 20Page - Monolithic Power Systems MP2328 Datasheet HTML 21Page - Monolithic Power Systems MP2328 Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
MP2328 – 28V, 2A, SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP2328 Rev. 1.0
www.MonolithicPower.com
18
12/11/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
The input ripple current can be calculated with
Equation (7):
OUT
OUT
CIN
OUT
IN
IN
VV
II
(1
)
VV

 
(7)
The worst-case condition occurs at VIN = 2VOUT,
estimated with Equation (8):
OUT
CIN
I
I
2
(8)
For simplification, choose an input capacitor
with an RMS current rating greater than half of
the maximum load current.
The input capacitance value determines the
input voltage ripple of the converter. If there is
an input voltage ripple requirement in the
system, choose the input capacitor that meets
the specification.
The input voltage ripple can be calculated with
Equation (9):
OUT
OUT
OUT
IN
sw
IN
IN
IN
IV
V
V=
(1-
)
fC
V
V

(9)
The worst-case condition occurs at VIN = 2VOUT,
estimated with Equation (10):
OUT
IN
sw
IN
I
1
V=
4f
C

(10)
Selecting the Output Capacitor
The output capacitor is required to maintain the
DC output voltage. Ceramic or POSCAP
capacitors are recommended. The output
voltage ripple can be calculated with Equation
(11):
OUT
OUT
OUT
ESR
sw
IN
SW
OUT
VV
1
V=
(1-
) (R
)
fL
V
8 f
C


(11)
With ceramic capacitors, the capacitance
dominates the impedance at the switching
frequency, and causes most of the output
voltage ripple. For simplification, the output
voltage ripple can be estimated with Equation
(12):
OUT
OUT
OUT
2
IN
SW
OUT
VV
V=
(1-
)
V
8f
L C

 
(12)
The output voltage ripple caused by ESR is
very small. With POSCAP capacitors, the ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be calculated with Equation (13):
OUT
OUT
OUT
ESR
SW
IN
VV
V=
(1-
) R
fL
V

(13)
Besides considering the output ripple, choosing
a larger-value output capacitor improves load
transient response, but the maximum output
capacitor limit should also be considered in
design applications. If the output capacitor
value is too high, the output voltage cannot
reach the design value during the soft-start time,
and then it will fail to regulate. The maximum
output
capacitor
value
(CO_MAX)
can
be
estimated with Equation (14):
O_MAX
LIM_AVG
OUT
SS
OUT
C
=(I
-I
) t /V
(14)
Where ILIM_AVG is the average start-up current
during soft start, and tSS is the soft-start time.
Design Example
Table 3 is a design example following the
application guidelines for the specifications
below.
Table 3: Design Example
VIN
6.5V to 28V
VOUT
5V
IOUT
2A
For the detailed application schematic, see
Figure 9 on page 21. For the typical
performance and circuit waveforms, see the
Typical Performance Characteristics section on
page 10. For more device applications, refer to
the related evaluation board datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com