Electronic Components Datasheet Search
  English  ▼

X  

35FS6500 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # 35FS6500
Description  Grade 0 safety power system basis chip with CAN FD transceiver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

35FS6500 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button 35FS6500 Datasheet HTML 12Page - NXP Semiconductors 35FS6500 Datasheet HTML 13Page - NXP Semiconductors 35FS6500 Datasheet HTML 14Page - NXP Semiconductors 35FS6500 Datasheet HTML 15Page - NXP Semiconductors 35FS6500 Datasheet HTML 16Page - NXP Semiconductors 35FS6500 Datasheet HTML 17Page - NXP Semiconductors 35FS6500 Datasheet HTML 18Page - NXP Semiconductors 35FS6500 Datasheet HTML 19Page - NXP Semiconductors 35FS6500 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 139 page
background image
NXP Semiconductors
35FS4500-35FS6500-ASILB
Grade 0 safety power system basis chip with CAN FD transceiver
TA = –40 °C to 150 °C, unless otherwise specified. VSUP = VSUP_UV_L to 36 V, unless otherwise specified. All voltages referenced to ground.
When 28 V < VSUP < 36 V, thermal dissipation must be considered (see Figure 27).
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
HYST
VCORE_FB_OV
VCORE FB overvoltage detection threshold
0.84
—
0.905
V
VCORE_FB_OV_
HYST
VCORE FB overvoltage hysteresis
10
—
30
mV
[5]
VCORE_FB_DRIFT VCORE_FB drift versus FCRBM
50
100
150
mV
VCCA_UV_5
VCCA undervoltage detection threshold (5.0 V configuration)
4.5
—
4.75
V
VCCA_UV_5D
VCCA undervoltage detection threshold (degraded 5.0 V)
3.0
—
3.2
V
VCCA_UV_33
VCCA undervoltage detection threshold (3.3 V configuration)
3.0
—
3.2
V
VCCA_OV_5
VCCA overvoltage detection threshold (5.0 V configuration)
5.25
—
5.5
V
VCCA_OV_33
VCCA overvoltage detection threshold (3.3 V configuration)
3.4
—
3.6
V
VCCA_5_HYST
VCCA undervoltage and overvoltage hysteresis (5.0 V
configuration)
—
0.105
—
V
[5]
VCCA_33_HYST
VCCA undervoltage and overvoltage hysteresis (3.3 V
configuration)
—
0.07
—
V
[5]
VAUX_UV_5
VAUX undervoltage detection threshold (5.0 V configuration)
4.5
—
4.75
V
VAUX_UV_5D
VAUX undervoltage detection threshold (degraded 5.0 V)
3.0
—
3.2
V
VAUX_UV_33
VAUX undervoltage detection threshold (3.3 V configuration)
3.0
—
3.2
V
VAUX_OV_5
VAUX overvoltage detection threshold (5.0 V configuration)
5.25
—
5.5
V
VAUX_OV_33
VAUX overvoltage detection threshold (3.3 V configuration)
3.4
—
3.6
V
VAUX_5_HYST
VAUX undervoltage and overvoltage hysteresis (5.0 V
configuration)
—
0.105
—
V
[5]
VAUX_33_HYST
VAUX undervoltage and overvoltage hysteresis (3.3 V
configuration)
—
0.07
—
V
[5]
Fail-safe outputs
VRSTB_OL
Reset low output level (I_RSTB = 2.0 mA)
—
—
0.5
V
IRSTB_LIM
Reset output current limitation
11
—
25
mA
VRSTB_IL
Reset low level detection threshold (falling)
1.0
—
—
V
VRSTB_IH
Reset high level detection threshold (rising)
—
—
2.0
V
VRSTB_HYST
Reset hysteresis
200
—
—
mV
RSTBPULL-DOWN RSTB pull-down resistor
—
1.0
—
MΩ
VFS0B_OL
FS0B low output level (I_FS0B = 2.0 mA)
—
—
0.5
V
IFS0B_LIM
FS0B output current limitation
4.0
—
16
mA
VFS0B_IL
FS0B low level detection threshold (falling)
1.0
—
—
V
VFS0B_IH
FS0B high level detection threshold (rising)
—
—
2.0
V
VFS0B_HYST
FS0B hysteresis
100
—
—
mV
FS0BPULL-DOWN FS0B pull-down resistor
—
4.0
—
MΩ
VFS1B_OL
FS1B low output level (I_FS1B = 2.0 mA)
—
—
0.5
V
IFS1B_LIM
FS1B output current limitation
4.0
—
16
mA
VFS1B_IL
FS1B low level detection threshold (falling)
1.0
—
—
V
VFS1B_IH
FS1B high level detection threshold (rising)
—
—
2.0
V
Table 5. Static electrical characteristics ...continued
35FS4500-35FS6500-ASILB
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 5 August 2024
Document feedback
16 / 139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com