Electronic Components Datasheet Search
  English  ▼

X  

35FS6500 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 35FS6500
Description  Grade 0 safety power system basis chip with CAN FD transceiver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

35FS6500 Datasheet(HTML) 2 Page - NXP Semiconductors

  35FS6500 Datasheet HTML 1Page - NXP Semiconductors 35FS6500 Datasheet HTML 2Page - NXP Semiconductors 35FS6500 Datasheet HTML 3Page - NXP Semiconductors 35FS6500 Datasheet HTML 4Page - NXP Semiconductors 35FS6500 Datasheet HTML 5Page - NXP Semiconductors 35FS6500 Datasheet HTML 6Page - NXP Semiconductors 35FS6500 Datasheet HTML 7Page - NXP Semiconductors 35FS6500 Datasheet HTML 8Page - NXP Semiconductors 35FS6500 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 139 page
background image
NXP Semiconductors
35FS4500-35FS6500-ASILB
Grade 0 safety power system basis chip with CAN FD transceiver
3 Applications
• TA up to 150 °C and TJ up to 175 °C
• Drive Train Electrification (BMS, Hybrid EV and HEV, Inverter, DC-DC, Alterno Starter)
• Drive Train - Chassis and Safety (Active Suspension, Steering, Safety Domain Gateway)
• Power Train (EMS, TCU, Gear Box)
• ADAS (LDW, Radar, Sensor Fusion Safety area)
• On board charger
• Motor control
4 Simplified application diagrams
FB_CORE
COMP_CORE
FCRBM
VCCA_E
VCCA_B
VDDIO
VCCA
MUX_OUT
IO_5/VKAM
MOSI
MISO
SCLK
NCS
INTB
RSTB
TXD
RXD
IO_2
IO_3
VSUP3
VSENSE
VAUX_E
VAUX_B
VAUX
SELECT
CAN-5V
DEBUG
IO_0
IO_4
CANH
CANL
VPU-FS
+battery
(KL30)
DEBUG
mode
ignition key
(KL15)
to switch
CAN BUS
fail-safe
delay
fail-safe
drive
VAUX
VPRE
VDDIO
VPRE
VCORE
VDD
AD ref.
voltage
ADC Input
Vstandby
SPI
NMI
Reset
CAN
MCU
VCCA
VDDIO
VCORE
or
VCCA
FS1B
FS0B
GNDA
DGND
GND_COM
35FS6500C
aaa-039989
Figure 1. 35FS6500C simplified application diagram - buck boost configuration - FS1B
 
35FS4500-35FS6500-ASILB
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 5 August 2024
Document feedback
2 / 139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com