Electronic Components Datasheet Search
  English  ▼

X  

35FS6500 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # 35FS6500
Description  Grade 0 safety power system basis chip with CAN FD transceiver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

35FS6500 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button 35FS6500 Datasheet HTML 32Page - NXP Semiconductors 35FS6500 Datasheet HTML 33Page - NXP Semiconductors 35FS6500 Datasheet HTML 34Page - NXP Semiconductors 35FS6500 Datasheet HTML 35Page - NXP Semiconductors 35FS6500 Datasheet HTML 36Page - NXP Semiconductors 35FS6500 Datasheet HTML 37Page - NXP Semiconductors 35FS6500 Datasheet HTML 38Page - NXP Semiconductors 35FS6500 Datasheet HTML 39Page - NXP Semiconductors 35FS6500 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 139 page
background image
NXP Semiconductors
35FS4500-35FS6500-ASILB
Grade 0 safety power system basis chip with CAN FD transceiver
12.5.1 Fail-safe machine state diagram
aaa-037812
- RSTb/FSxb asserted low
- RSTb asserted low
- 8 s timer running
- RSTb/FSxb asserted low
- RSTB released, FSxb asserted low
- 8 s timer running
- Unlock SPI init registers
- 256 ms open window
- RSTB released, FSxB asserted low
- 8 s timer running
- Start WD windowing
- 8 s timer running
- RSTb delay running
- RSTb asserted low
- 8 s timer running
- FSxb asserted low
- FSxb released
- RSTb/FSxb asserted low
- 8 s timer starts (running)
- RSTb/FSxb asserted low
- 8 s timer reset (not running)
- RSTb/FSxb asserted low
- 8 s timer running
-VCORE/VCCA/VAUX OFF-
-VPRE/VCAN OFF-
-RSTb = LOW-
-FSxb = LOW-
- FSxb asserted low
Wait FS
start-up
Power Down
From
Anywhere
ABIST1
Release
RTSb
Release
FSxb
Wait
VPRE
Wait
VREG
SELECT pin
configuration
LPOFF-
SLEEP
Deep Fail-
save
From anywhere
after FS start-up
From INIT_FS
or NORMAL_WD
ABIST2
(VAUX or FS1b)
Assert RSTb
Assert FSxb
INIT_FS
NORMAL_WD
13 ms elapsed
VPRE > VPRE_UV
VPRE < VPRE_UV
IO_0=0
VPRE < VPRE_UV
1 ms elapsed
VCORE > VCORE_UV
& VCCA > VCCA_UV
ABIST1 Done
External
RST
No DFS &
RST delay = 8 s
DFS &
(RST delay = 8 s or
FLT_err_count = 6)
No activate RSTB &
RSTb delay expired
Activate
RSTb
External
RST
WD Not OK
External
RST
No external RST &
No activate RSTb
WD OK
No activate FSxb
FLT_err_count = 0
& ABISTx ok & FS_OUT ok
& No activate RSTB
FLT_err_count=0
& ABISTx ok
& FS_OUT ok
SPI command
SPI command
ABIST Done
Activate
RSTb
Activate
RSTb
Activate
FSxB
PORB = 1 and
VPRE > VPRE_UV
PORB = 0
Figure 14. Detailed fail-safe state diagram
35FS4500-35FS6500-ASILB
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 5 August 2024
Document feedback
36 / 139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com