Electronic Components Datasheet Search
  English  ▼

X  

35FS6500 Datasheet(PDF) 76 Page - NXP Semiconductors

Part # 35FS6500
Description  Grade 0 safety power system basis chip with CAN FD transceiver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

35FS6500 Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button 35FS6500 Datasheet HTML 72Page - NXP Semiconductors 35FS6500 Datasheet HTML 73Page - NXP Semiconductors 35FS6500 Datasheet HTML 74Page - NXP Semiconductors 35FS6500 Datasheet HTML 75Page - NXP Semiconductors 35FS6500 Datasheet HTML 76Page - NXP Semiconductors 35FS6500 Datasheet HTML 77Page - NXP Semiconductors 35FS6500 Datasheet HTML 78Page - NXP Semiconductors 35FS6500 Datasheet HTML 79Page - NXP Semiconductors 35FS6500 Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 139 page
background image
NXP Semiconductors
35FS4500-35FS6500-ASILB
Grade 0 safety power system basis chip with CAN FD transceiver
Description
SCLK error detection, concerns internal error in fail-safe logic only and external
errors (at pin level) for both main and fail-safe logics. Other errors flagged by SPI_
CLK_ bit
0
16 clock cycles during NCS low
1
Wrong number of clock cycles (<16 or >16)
SPI_FS_CLK
Reset condition
Power on reset
Description
Invalid SPI access (wrong write or read, write to INIT registers in normal mode,
wrong address), concerns fail-safe Logic only
0
No error
1
SPI violation
SPI_FS_REQ
Reset condition
Power on reset
Description
SPI parity bit error detection, concerns fail-safe logic only
0
Parity bit OK
1
Parity bit error
SPI_FS_PARITY
Reset condition
Power on reset
Table 17. MISO bits description...continued
13.2.4 Main logic register address table
Table 18 is a list of device registers and addresses coded in bits 13 to 9 in MOSI for main logic.
Address
Register
FS/M
A4
A3
A2
A1
A0
Hex
Write description
Table ref.
INIT_VREG
0
0
0
0
0
1
#1(01h)
Write during INIT phase then read only
Table 21
INIT_WU1
0
0
0
0
1
0
#2(02h)
Write during INIT phase then read only
Table 23
INIT_WU2
0
0
0
0
1
1
#3(03h)
Write during INIT phase then read only
Table 25
INIT_INT
0
0
0
1
0
0
#4(04h)
Write during INIT phase then read only
Table 27
INIT_INH_INT
0
0
0
1
0
1
#5(05h)
Write during INIT phase then read only
Table 29
LONG_DURATION_TIMER
0
0
0
1
1
0
#6(06h)
Write during normal and read
Table 31
NOT USED
0
0
0
1
1
1
#7(07h)
N/A
N/A
HW_CONFIG
0
0
1
0
0
0
#8(08h)
Read only
Table 33
WU_SOURCE
0
0
1
0
0
1
#9(09h)
Read only
Table 35
DEVICE_ID
0
0
1
0
1
0
#10(0Ah)
Read only
Table 37
IO_INPUT
0
0
1
0
1
1
#11(0Bh)
Read only
Table 39
DIAG_VPRE
0
0
1
1
0
0
#12(0Ch)
Read only
Table 41
DIAG_VCORE
0
0
1
1
0
1
#13(0Dh)
Read only
Table 43
DIAG_VCCA
0
0
1
1
1
0
#14(0Eh)
Read only
Table 45
DIAG_VAUX
0
0
1
1
1
1
#15(0Fh)
Read only
Table 47
DIAG_VSUP_VCAN
0
1
0
0
0
0
#16(10h)
Read only
Table 49
DIAG_CAN_1
0
1
0
0
0
1
#17(11h)
Read only
Table 51
DIAG_CAN_2
0
1
0
0
1
0
#18(12h)
Read only
Table 53
DIAG_SPI
0
1
0
0
1
1
#19(13h)
Read only
Table 55
NOT USED
0
1
0
1
0
0
#20(14h)
N/A
N/A
MODE
0
1
0
1
0
1
#21(15h)
Write during normal and read
Table 57
REG_MODE
0
1
0
1
1
0
#22(16h)
Write during normal and read
Table 59
Table 18. Register mapping of main logic
35FS4500-35FS6500-ASILB
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 5 August 2024
Document feedback
76 / 139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com