Electronic Components Datasheet Search
  English  ▼

X  

35FS6500 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # 35FS6500
Description  Grade 0 safety power system basis chip with CAN FD transceiver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

35FS6500 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button 35FS6500 Datasheet HTML 17Page - NXP Semiconductors 35FS6500 Datasheet HTML 18Page - NXP Semiconductors 35FS6500 Datasheet HTML 19Page - NXP Semiconductors 35FS6500 Datasheet HTML 20Page - NXP Semiconductors 35FS6500 Datasheet HTML 21Page - NXP Semiconductors 35FS6500 Datasheet HTML 22Page - NXP Semiconductors 35FS6500 Datasheet HTML 23Page - NXP Semiconductors 35FS6500 Datasheet HTML 24Page - NXP Semiconductors 35FS6500 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 139 page
background image
NXP Semiconductors
35FS4500-35FS6500-ASILB
Grade 0 safety power system basis chip with CAN FD transceiver
TA = –40 °C to 150 °C, unless otherwise specified. VSUP = VSUP_UV_L to 36 V, unless otherwise specified. All voltages referenced to ground.
When 28 V < VSUP < 36 V, thermal dissipation must be considered (see Figure 27).
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
CSUP
Minimum capacitor on VSUP
47
—
—
µF
VPRE voltage pre-regulator
fSW_PRE
VPRE switching frequency
412
437.5
463
kHz
tSW_PRE
VSW_PRE on and off switching time
—
—
30
ns
[2]
tPRE_SOFT
VPRE soft start duration (COUT_VPRE ≤ 100 µF)
500
—
700
µs
tPRE_BLK_LIM
VPRE current limitation blanking time
200
—
600
ns
tIPRE_OC
VPRE overcurrent filtering time
30
—
120
ns
[2]
tPRE_UV
VPRE undervoltage filtering time
20
—
40
µs
tPRE_UV_4p3
VPRE shutoff filtering time
3.0
—
7.0
µs
dIPRE/DT
VPRE load regulation variation
—
—
25
A/ms
[2]
tPRE_WARN
VPRE thermal warning filtering time
30
—
40
µs
tPRE_TSD
VPRE thermal detection filtering time
1.0
—
3.0
µs
tLS_RISE/FALL
LS gate voltage switching time (IOUT = 300 mA)
—
—
50
ns
tBBTO
GATE_LS boost transistor timeout detection
—
120
—
us
Vcore voltage regulator
tCORE_BLK_LIM
VCORE current limitation blanking time
20
—
40
ns
fSW_CORE
VCORE switching frequency
2.2
2.34
2.48
MHz
tSW_CORE
VSW_CORE on and off switching time
—
—
12
ns
VCORE_SOFT
VCORE soft start (COUT_VCORE = 100 µF max)
—
—
10
V/ms
tCORE_WARN
VCORE thermal warning filtering time
30
—
40
µs
tCORE_TSD
VCORE thermal detection filtering time
1.0
—
3.0
µs
VCCA voltage regulator
tCCA_LIM
VCCA output current limitation filter time
1.0
—
3.0
µs
tCCA_LIM_OFF1
tCCA_LIM_OFF2
VCCA output current limitation duration
10
50
—
—
15
60
ms
tCCA_WARN
VCCA thermal warning filtering time (int. MOSFET)
30
—
40
µs
tCCA_TSD
VCCA thermal detection filter time (int. MOSFET)
1.0
—
3.0
µs
dILOAD/dt
VCCA load transient
—
2.0
—
A/ms
[2]
VCCA_SOFT
VCCA soft start (5.0 V and 3.3 V)
—
—
50
V/ms
VAUX voltage regulator
tAUX_LIM
VAUX output current limitation filter time
1.0
—
3.0
µs
tAUX_LIM_OFF1
tAUX_LIM_OFF2
VAUX output current limitation duration
10
50
—
—
15
60
ms
tAUX_TSD
VAUX thermal detection filter time
1.0
—
3.0
µs
dIAUX/dt
VAUX load transient
—
2.0
—
A/ms
[2]
VAUX_SOFT
VAUX soft start (5.0 V and 3.3 V)
—
—
50
V/ms
CAN_5V voltage regulator
tCAN_LIM
Output current limitation filter time
2.0
—
4.0
µs
tCAN_TSD
VCAN thermal detection filter time
1.0
—
3.0
µs
Table 6. Dynamic electrical characteristics ...continued
35FS4500-35FS6500-ASILB
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 5 August 2024
Document feedback
21 / 139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com