Electronic Components Datasheet Search
  English  ▼

X  

35FS6500 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # 35FS6500
Description  Grade 0 safety power system basis chip with CAN FD transceiver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

35FS6500 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button 35FS6500 Datasheet HTML 42Page - NXP Semiconductors 35FS6500 Datasheet HTML 43Page - NXP Semiconductors 35FS6500 Datasheet HTML 44Page - NXP Semiconductors 35FS6500 Datasheet HTML 45Page - NXP Semiconductors 35FS6500 Datasheet HTML 46Page - NXP Semiconductors 35FS6500 Datasheet HTML 47Page - NXP Semiconductors 35FS6500 Datasheet HTML 48Page - NXP Semiconductors 35FS6500 Datasheet HTML 49Page - NXP Semiconductors 35FS6500 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 139 page
background image
NXP Semiconductors
35FS4500-35FS6500-ASILB
Grade 0 safety power system basis chip with CAN FD transceiver
The switch S1 is opened by default and must be closed by a SPI command, due to the FS1B_DLY_REQ bit in
the SF_OUTPUT_REQUEST register, before releasing the FS1B pin.
12.5.6.2 tDURATION operation
In tDURATION configuration, FS1B is asserted low at the same time as FS0B for a configurable duration, and is
automatically released after tDURATION timing (Figure 26). The FS1B activation duration is configurable via the
SPI from 0 ms to 3150 ms with the combination of the FS1B_TIME_3:0 and FS1B_TIME_RANGE bits. This
digital duration is generated by the fail-safe logic with an accuracy of ±10 %.
FS0B
Device and ECU is safe state
FS1B
tDURATION
FS1B automatic release
after tDURATION
FS0B release
by the SPI
FS1B asserted after tDURATION
aaa-037760
Failure detected
Figure 26. tDURATION operation
12.5.7 Fail-safe outputs (FS0B and FS1B) release
When the fail-safe outputs FS0B and consequently FS1B are asserted low by the device due to a fault, some
conditions must be validated before allowing these pins to be released by the device. These conditions are:
• ABIST2_FS1B_OK=1 if part number with FS1B
• ABIST2_VAUX_OK=1 except if VAUX_FS_OV_1:0=VAUX_FS_UV_1:0="00"
• Fault is removed
• Fault error counter must be at ’0’
• Close the S1 switch (FS1B_DLY_DRV bit = 1)
• RELEASE_FSxB register must be filled with the right value
12.5.7.1 RELEASE_FSxB register
When a fault is removed and the fault error counter changes back to level ’0’, a right word must be filled in
the RELEASE_FSxB register. The value depends on the current LFSR. LSB, MSB must be swapped, and a
negative operation per bit must be applied.
FS0B and FS1B can be released independently or at the same time, depending on the configuration of the first
three bits of the RELEASE_FSxB register (Table 12).The RELEASE_FSxB write command should be done after
an LFSR read command. If FS0B and FS1B are released sequentially, the procedure must be done a first time
for FS0B, and a second time for FS1B.
Note: The LFSR register is used to secure the release of FSxB pins. It can be configured during the INIT phase
but can also be written at any moment in Normal mode. It is impossible to write 0xFFFF and 0x0000 in LFSR
register. A communication error is reported in case of 0x0000 and 0xFFFF write tentative and the configuration
is ignored.
LFSR_7:0
b7
b6
b5
b4
b3
b2
b1
b0
Release FS0B
RELEASE_FSxB_7:0
0
1
1
b0
b1
b2
b3
b4
Release FS1B
RELEASE_FSxB_7:0
1
1
0
b3
b4
b5
b6
b7
Table 12. RELEASE_FSxB register based on LFSR value
35FS4500-35FS6500-ASILB
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 5 August 2024
Document feedback
46 / 139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com