Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 160 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x Sitara™ Processors
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359 Datasheet(HTML) 160 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 156Page - Texas Instruments AM3359 Datasheet HTML 157Page - Texas Instruments AM3359 Datasheet HTML 158Page - Texas Instruments AM3359 Datasheet HTML 159Page - Texas Instruments AM3359 Datasheet HTML 160Page - Texas Instruments AM3359 Datasheet HTML 161Page - Texas Instruments AM3359 Datasheet HTML 162Page - Texas Instruments AM3359 Datasheet HTML 163Page - Texas Instruments AM3359 Datasheet HTML 164Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 256 page
background image
DDR_D0
DDR_D7
DDR_DQM0
DDR_DQS0
DDR_DQSn0
DDR_D8
DDR_D15
DDR_DQM1
DDR_DQS1
DDR_DQSn1
DQ0
DQ7
DM
DQS
DQS
BA0
BA2
A0
A15
CS
CAS
RAS
WE
CKE
CK
CK
VREF
DDR_BA0
DDR_BA2
DDR_A0
DDR_A15
DDR_CSn0
DDR_CASn
DDR_RASn
DDR_WEn
DDR_CKE
DDR_CK
DDR_CKn
DDR_VREF
1 kΩ 1%
VDDS_DDR
(A)
8-Bit DDR2
Devices
0.1 µF
0.1 µF
1 kΩ 1%
0.1 µF
(B)
0.1 µF
(B)
ODT
DDR_VTP
49.9
( 1%, 20 mW)
Ω
±
T
DDR_ODT
DDR_RESETn
NC
DDR_VREF
AM335x
T
T
T
T
T
T
T
T
T
T
T
DQ0
DQ7
DM
DQS
DQS
BA0
BA2
A0
A15
CS
CAS
RAS
WE
CKE
CK
CK
VREF
ODT
0.1 µF
(B)
BA1
DDR_BA1
T
BA1
Copyright © 2016, Texas Instruments Incorporated
160
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717L – OCTOBER 2011 – REVISED MARCH 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Peripheral Information and Timings
Copyright © 2011–2020, Texas Instruments Incorporated
A.
VDDS_DDR is the power supply for the DDR2 memories and the AM335x DDR2 interface.
B.
One of these capacitors can be eliminated if the divider and its capacitors are placed near a DDR_VREF pin.
C.
For all the termination requirements, see Section 7.7.2.2.2.9.
Figure 7-40. 16-Bit DDR2 Interface Using Two 8-Bit DDR2 Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com