Electronic Components Datasheet Search
  English  ▼

X  

TDA8376 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8376
Description  I2C-bus controlled PAL/NTSC TV processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8376 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8376 Datasheet HTML 2Page - NXP Semiconductors TDA8376 Datasheet HTML 3Page - NXP Semiconductors TDA8376 Datasheet HTML 4Page - NXP Semiconductors TDA8376 Datasheet HTML 5Page - NXP Semiconductors TDA8376 Datasheet HTML 6Page - NXP Semiconductors TDA8376 Datasheet HTML 7Page - NXP Semiconductors TDA8376 Datasheet HTML 8Page - NXP Semiconductors TDA8376 Datasheet HTML 9Page - NXP Semiconductors TDA8376 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
1996 Jan 26
6
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV processors
TDA8376; TDA8376A
6
PINNING
SYMBOL
PIN
DESCRIPTION
SDIP52
QFP64
DECDIG
1
11
decoupling digital supply
CBLK
2
12
black peak hold capacitor
SCL
3
13
I2C-bus serial clock input
SDA
4
14
I2C-bus serial data input/output
DECBG
5
16
band gap decoupling
CHROMA
6
17
chrominance input (S-VHS)
CVBS/Y
7
18
external CVBS/Y input
VP1
8
20
main supply voltage (+8 V)
CVBSINT
9
22
internal CVBS input
GND1
10
23
ground 1
PIPO
11
25
picture-in-picture output
DECFT
12
26
decoupling filter tuning
CVBSEXT
13
27
external CVBS input
RGBIN2
14
28
RGB insertion input 2
RI2
15
29
red input 2
GI2
16
30
green input 2
BI2
17
31
blue input 2
BLKIN
18
32
black-current input
BO
19
34
blue output
GO
20
35
green output
RO
21
36
red output
BCLIN
22
37
beam current limiter input
RI1
23
38
red input 1
GI1
24
39
green input 1
BI1
25
40
blue input 1
RGBIN1
26
41
RGB insertion input 1
LUMIN
27
42
luminance input
LUMOUT
28
43
luminance output
BYO
29
44
−(B−Y) signal output
RYO
30
45
−(R−Y) signal output
BYI
31
46
−(B−Y) signal input
RYI
32
47
−(R−Y) signal input
XTAL1
33
49
3.58 MHz crystal connection
XTAL2
34
51
4.43/3.58 MHz crystal connection
DET
35
53
loop filter phase detector
SECref
36
54
SECAM reference output
VP2
37
55
horizontal oscillator supply voltage (+8 V)
CVBS/TXT
38
56
CVBS/TXT output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com