Electronic Components Datasheet Search
  English  ▼

X  

TDA8376 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # TDA8376
Description  I2C-bus controlled PAL/NTSC TV processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8376 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button TDA8376 Datasheet HTML 26Page - NXP Semiconductors TDA8376 Datasheet HTML 27Page - NXP Semiconductors TDA8376 Datasheet HTML 28Page - NXP Semiconductors TDA8376 Datasheet HTML 29Page - NXP Semiconductors TDA8376 Datasheet HTML 30Page - NXP Semiconductors TDA8376 Datasheet HTML 31Page - NXP Semiconductors TDA8376 Datasheet HTML 32Page - NXP Semiconductors TDA8376 Datasheet HTML 33Page - NXP Semiconductors TDA8376 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
1996 Jan 26
30
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV processors
TDA8376; TDA8376A
16. Conditions: frequency is 50 Hz; normal mode; VS = 1FH.
17. The E-W output current range of the TDA8376A is higher than that of the TDA8376 because of the horizontal zoom
function of the TDA8376A. The output range percentages mentioned for E-W control parameters are based on the
assumption that 400
µA variation in E-W output current is equivalent to 20% variation in picture width.
18. The TDA8376A has a zoom adjustment possibility for the vertical and horizontal deflection. For this reason an extra
DAC has been added in the vertical amplitude control which controls the vertical scan amplitude between 75 to 138%
of the nominal scan. At an amplitude of 106% of the nominal scan the output current is limited and the blanking of
he RGB outputs is activated. This is illustrated in Fig.21. In addition to the variation of the vertical amplitude the
vertical slope control range is also increased. This allows variation of the position of the bottom part of the picture
independent of the upper part. The nominal scan height must be adjusted at a position of 19H of the vertical ‘zoom’
DAC.
19. At a chrominance input voltage of 660 mV (p-p) [colour bar with 75% saturation i.e. burst signal amplitude
300 mV (p-p)] the dynamic range of the ACC is +6 and
−20 dB.
20. All frequency variations are referenced to a 3.58 or 4.43 MHz carrier frequency. All oscillator specifications are
measured with the Philips crystal series 9922 520 with a series capacitance of 18 pF. The oscillator circuit is rather
insensitive to the spurious responses of the crystal. Provided the resonance resistance of the third overtone is higher
than that of the fundamental frequency the oscillator will operate at the correct frequency. The typical crystal
parameters for the crystals are:
a) load resonance frequency f0 (CL = 20 pF) = 4.433619 or 3.579545 MHz
b) motional capacitance CM = 20.6 fF (4.43 MHz crystal) or 14.7 fF (3.58 MHz crystal)
c) parallel capacitance C0 = 5 pF for both crystals.
The minimum detuning range can only be specified if both the IC and the crystal tolerances are known and the figures
given in are therefore valid for the specified crystal series. In this, tolerances of the crystal with respect to nominal
frequency, motional capacitance and ageing have been taken into account and have been counted for by gaussic
addition. Whenever different typical crystal parameters are used the following equation might be helpful for
calculating the impact on the detuning capabilities:
Detuning range:
The resulting detuning range should be corrected for temperature shift and supply deviation of both the IC and the
crystal. The actual series capacitance in the application should be CL = 18 pF to account for parasitic capacitances
on and off chip. For 3-normal applications with two crystals connected to one pin the maximum parasitic capacitance
of the crystal pin should not exceed 15 pF.
21. The
−(R−Y) and −(B−Y) signals are demodulated with a phase difference of the reference carrier of 90° and a gain
ratio
. The matrixing to the required signals is achieved in the control part.
22. The subcarrier output signal can be supplied to the TDA8395 but it can also be used as drive signal for external comb
filters. For this reason the signal is continuously available at the output. Only when SECAM has been identified the
subcarrier signal is available only during the vertical retrace time. This is to avoid cross-talk between the SECAM
input signal and the subcarrier signal. An external DC load on this pin is not allowed because this current will disturb
the reliability of the communication between the TDA8376/TDA8376A and the TDA8395.
23. At nominal setting of the gain control. When this amplitude is exceeded the peak-white limiting circuit will reduce the
contrast. The control voltage is generated via the external capacitor connected to the beam-current limiting input.
24. Signal-to-noise ratio (S/N) is specified as peak-to-peak signal with respect to RMS noise (bandwidth 5 MHz).
25. This is a current input. The indicated value of the nominal bias current is obtained at the nominal setting of the gain
(white point) control. The actual value of the bias current depends on the gain control setting of each channel. As a
result the ‘black-current’ of each gun is adapted to the white point setting so that the background colour will follow
the white point adjustment.
C
M
1
C
0
C
L
-------
+


 2
--------------------------
BY
–
()
–
RY
–
()
–
------------------------
1.78
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com