Electronic Components Datasheet Search
  English  ▼

X  

TDA8376 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8376
Description  I2C-bus controlled PAL/NTSC TV processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8376 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8376 Datasheet HTML 3Page - NXP Semiconductors TDA8376 Datasheet HTML 4Page - NXP Semiconductors TDA8376 Datasheet HTML 5Page - NXP Semiconductors TDA8376 Datasheet HTML 6Page - NXP Semiconductors TDA8376 Datasheet HTML 7Page - NXP Semiconductors TDA8376 Datasheet HTML 8Page - NXP Semiconductors TDA8376 Datasheet HTML 9Page - NXP Semiconductors TDA8376 Datasheet HTML 10Page - NXP Semiconductors TDA8376 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
1996 Jan 26
7
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV processors
TDA8376; TDA8376A
SCO
39
57
sandcastle output
HOUT
40
58
horizontal output
FBI
41
59
flyback input
GND2
42
24
ground 2
PH2LF
43
62
phase-2 filter
PH1LF
44
63
phase-1 filter
GND3
45
60
ground 3
EWD
46
1
east-west drive output
VDR(p)
47
3
vertical drive 1 positive output
VDR(n)
48
4
vertical drive 2 negative output
EHTO
49
5
EHT/overvoltage protection input
VSC
50
7
vertical sawtooth capacitor
Iref
51
8
reference current input
n.c.
52
2
not connected
n.c.
−
6
not connected
n.c.
−
9
not connected
n.c.
−
10
not connected
n.c.
−
15
not connected
n.c.
−
19
not connected
n.c.
−
33
not connected
n.c.
−
48
not connected
n.c.
−
50
not connected
n.c.
−
52
not connected
VP3
−
21
supply voltage 3 (+8 V)
GND4
−
61
ground 4
GND5
−
64
ground 5
SYMBOL
PIN
DESCRIPTION
SDIP52
QFP64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com