Electronic Components Datasheet Search
  English  ▼

X  

TDA8376 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8376
Description  I2C-bus controlled PAL/NTSC TV processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8376 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8376 Datasheet HTML 1Page - NXP Semiconductors TDA8376 Datasheet HTML 2Page - NXP Semiconductors TDA8376 Datasheet HTML 3Page - NXP Semiconductors TDA8376 Datasheet HTML 4Page - NXP Semiconductors TDA8376 Datasheet HTML 5Page - NXP Semiconductors TDA8376 Datasheet HTML 6Page - NXP Semiconductors TDA8376 Datasheet HTML 7Page - NXP Semiconductors TDA8376 Datasheet HTML 8Page - NXP Semiconductors TDA8376 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
1996 Jan 26
3
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV processors
TDA8376; TDA8376A
1
FEATURES
• Source selection with 2 CVBS inputs and a Y/C (or extra
CVBS) input
• Output signals of the video switch circuit for the teletext
decoder and a Picture-In-Picture (PIP) processor
• Video identification circuit which is independent of the
synchronization for stable On Screen Display (OSD)
under ‘no-signal’ conditions
• Integrated chrominance trap with pre-shoot
compensation and bandpass filters (automatically
calibrated)
• Integrated luminance delay line
• Asymmetrical peaking in the luminance channel with a
(defeatable) noise coring function
• Black stretcher circuit in the luminance channel
• PAL/NTSC colour decoder with automatic search
system
• Easy interfacing with the TDA8395 (SECAM decoder)
for multistandard applications
• RGB control circuit with black-current stabilization and
white point adjustment; to obtain a good grey scale
tracking the black-current ratio of the 3 guns depends on
the white point adjustment
• Two linear RGB inputs and fast blanking
• Horizontal synchronization with two control loops and
alignment-free horizontal oscillator
• Vertical count-down circuit
• Geometry correction by modulation of the vertical and
E-W drive
• Vertical and horizontal zoom possibility for 16 : 9
applications (TDA8376A only)
• I2C-bus control of various functions
• Low dissipation (700 mW)
• Small amount of peripheral components compared with
competition ICs
• Y, U and V inputs and outputs.
2
GENERAL DESCRIPTION
The TDA8376 and TDA8376A are alignment-free I2C-bus
controlled video processors which contain a PAL/NTSC
colour decoder, luminance processor, sync processor,
RGB-control and deflection processor. The circuits have
been designed for use with the baseband chrominance
delay line TDA4665 and for DC-coupled vertical and
East-West (E-W) output stages. Both ICs are pin
compatible. The TDA8376A has a flexible horizontal and
vertical zoom possibility for 16 : 9 applications.
The supply voltage for the ICs is 8 V. The ICs are available
in an SDIP package with 52 pins and in a QFP package
with 64 pins (see Chapter 4).
The pin numbers indicated in this document are
referenced to the SDIP52; SOT247-1 package; unless
otherwise indicated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com