Electronic Components Datasheet Search
  English  ▼

X  

TDA8376 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # TDA8376
Description  I2C-bus controlled PAL/NTSC TV processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8376 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button TDA8376 Datasheet HTML 29Page - NXP Semiconductors TDA8376 Datasheet HTML 30Page - NXP Semiconductors TDA8376 Datasheet HTML 31Page - NXP Semiconductors TDA8376 Datasheet HTML 32Page - NXP Semiconductors TDA8376 Datasheet HTML 33Page - NXP Semiconductors TDA8376 Datasheet HTML 34Page - NXP Semiconductors TDA8376 Datasheet HTML 35Page - NXP Semiconductors TDA8376 Datasheet HTML 36Page - NXP Semiconductors TDA8376 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
1996 Jan 26
33
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV processors
TDA8376; TDA8376A
13 TEST AND APPLICATION INFORMATION
Fig.11 Application diagram.
handbook, full pagewidth
MGE080
SDA
XTAL2
34
33
38
4
3
15
16
17
14
23
24
25
26
36
30
29
32
31
39
21
20
19
18
22
46
47
48
40
41
XTAL1
SCL
RI2
GI2
BI2
RGBIN2
RI1
GI1
BI1
RO
GO
BO
BLKIN
BCLIN
EWD
VDR(p)
SECref
VDR(n)
HOUT
BYO
3.6
MHz
4.4
MHz
RYO
RYI
CVBS/
TXT
BYI
SCO
FBI
to text decoder
RGBIN1
CVBSINT
CVBSEXT
CVBS/Y
CHROMA
PIPO
9
13
7
6
11
TDA8395
TDA8376(A)
TDA4665
13.1
East-West output stage
In order to obtain correct tracking of the vertical and
horizontal EHT-correction, the E-W output stage should be
dimensioned as illustrated in Fig.12.
Resistor REW determines the gain of the E-W output stage.
Resistor Rc determines the reference current for both the
vertical sawtooth generator and the geometry processor.
The preferred value of Rc is 39 kΩ which results in a
reference current of 100
µA (Vref = 3.9 V
The value of REW must be:
Example: With Vref = 3.9 V Rc =39kΩ and Vscan = 120 V
then REW = 68 kΩ.
R
EW
R
c
V
scan
18
V
ref
×
-----------------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com