Electronic Components Datasheet Search
  English  ▼

X  

TDA8376 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # TDA8376
Description  I2C-bus controlled PAL/NTSC TV processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8376 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button TDA8376 Datasheet HTML 19Page - NXP Semiconductors TDA8376 Datasheet HTML 20Page - NXP Semiconductors TDA8376 Datasheet HTML 21Page - NXP Semiconductors TDA8376 Datasheet HTML 22Page - NXP Semiconductors TDA8376 Datasheet HTML 23Page - NXP Semiconductors TDA8376 Datasheet HTML 24Page - NXP Semiconductors TDA8376 Datasheet HTML 25Page - NXP Semiconductors TDA8376 Datasheet HTML 26Page - NXP Semiconductors TDA8376 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
1996 Jan 26
23
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV processors
TDA8376; TDA8376A
EHT TRACKING/OVERVOLTAGE PROTECTION (PIN 49); note 13
V49
input voltage
1.2
−
2.8
V
SMR
scan modulation range
−5
−
+5
%
ϕ
vert
vertical sensitivity
−
6.3
−
%/V
ϕEW
E-W sensitivity
when switched-on
−−6.3
−
%/V
Ieq
E-W equivalent output current
+100
−−100
µA
V49
overvoltage detection level
−
3.9
−
V
DE-INTERLACE
first field delay
−
0.5H
−
E-W WIDTH; note 17
CR
control range
63 steps
TDA8376
100
−
80
%
TDA8376A
100
−
65
%
Ieq
equivalent output current
TDA8376
0
−
400
µA
TDA8376A
0
−
700
µA
Vo
E-W output voltage range
1.0
−
8.0
V
Io
E-W output current range
TDA8376
0
−
900
µA
TDA8376A
0
−
1200
µA
E-W PARABOLA/WIDTH
CR
control range
63 steps
0
−
22
%
Ieq
equivalent output current
E-W = 3FH; CP = 00H
0
−
440
µA
E-W CORNER/PARABOLA
CR
control range
63 steps
−43
−
0%
Ieq
equivalent output current
PW = 3FH; E-W = 3FH
−190
−
0
µA
E-W TRAPEZIUM
CR
control range
63 steps
−5
−
+5
%
Ieq
equivalent output current
−100
−
+100
µA
VERTICAL AMPLITUDE
CR
control range
63 steps
80
−
120
%
Ieqdiff(p-p)
equivalent differential vertical drive
output current (peak-to-peak value)
SC = 00H
760
−
1140
µA
VERTICAL SHIFT
CR
control range
63 steps
−5
−
+5
%
Ieqdiff(p-p)
equivalent differential vertical drive
output current (peak-to-peak value)
−50
−
+50
µA
S-CORRECTION
CR
control range
63 steps
0
−
30
%
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com