Electronic Components Datasheet Search
  English  ▼

X  

TDA8376 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TDA8376
Description  I2C-bus controlled PAL/NTSC TV processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8376 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TDA8376 Datasheet HTML 12Page - NXP Semiconductors TDA8376 Datasheet HTML 13Page - NXP Semiconductors TDA8376 Datasheet HTML 14Page - NXP Semiconductors TDA8376 Datasheet HTML 15Page - NXP Semiconductors TDA8376 Datasheet HTML 16Page - NXP Semiconductors TDA8376 Datasheet HTML 17Page - NXP Semiconductors TDA8376 Datasheet HTML 18Page - NXP Semiconductors TDA8376 Datasheet HTML 19Page - NXP Semiconductors TDA8376 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
1996 Jan 26
16
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV processors
TDA8376; TDA8376A
8.2.2
OUTPUT CONTROL BITS
Table 27 Power-on reset
Table 28 Field frequency indication
Table 29 S-VHS status
Table 30 Phase 1 (
ϕ
1) lock indication
Table 31 X-ray protection
Table 32 Colour decoder mode
POR
MODE
0
normal
1
power-down
FSI
FREQUENCY
050 Hz
160 Hz
STS
S-VHS INPUT
0
no signal
1
signal
SL
INDICATION
0
not locked
1
locked
XPR
OVERVOLTAGE
0
no overvoltage detected
1
overvoltage detected
CD2
CD1
CD0
STANDARD
0
0
0
no colour standard identified
0
0
1
NTSC 3.6 MHz
0
1
0
PAL 4.4 MHz
0
1
1
SECAM
1
0
0
NTSC 4.4 MHz
1
0
1
PAL 3.6 MHz (pin 33)
1
1
0
PAL 3.6 MHz (pin 34)
1
1
1
spare
Table 33 Output vertical guard
Table 34 Indication RGB1 insertion
Table 35 Indication RGB2 insertion
Table 36 Output video identification
Table 37 IC version indication
Table 38 Crystal indication SXA and SXB
NDF
VERTICAL OUTPUT STAGE
0OK
1
failure
IN1
RGB INSERTION
0
no (pin 26 LOW)
1
yes (pin 26 HIGH)
IN2
RGB INSERTION
0
no (pin 14 LOW)
1
yes (pin 14 HIGH)
IFI
VIDEO SIGNAL
0
no video signal identified
1
video signal identified
AFA
IC
0
TDA8376
1
TDA8376A
SXA
SXB
CRYSTAL
0
0
two 3.6 MHz
0
1
one 3.6 MHz
1
0
one 4.4 MHz
1
1
3.6 and 4.4 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com