Electronic Components Datasheet Search
  English  ▼

X  

TDA8376 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # TDA8376
Description  I2C-bus controlled PAL/NTSC TV processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8376 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button TDA8376 Datasheet HTML 24Page - NXP Semiconductors TDA8376 Datasheet HTML 25Page - NXP Semiconductors TDA8376 Datasheet HTML 26Page - NXP Semiconductors TDA8376 Datasheet HTML 27Page - NXP Semiconductors TDA8376 Datasheet HTML 28Page - NXP Semiconductors TDA8376 Datasheet HTML 29Page - NXP Semiconductors TDA8376 Datasheet HTML 30Page - NXP Semiconductors TDA8376 Datasheet HTML 31Page - NXP Semiconductors TDA8376 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
1996 Jan 26
28
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV processors
TDA8376; TDA8376A
Notes
1. Signal with negative-going sync. Amplitude includes sync pulse amplitude.
2. This parameter is not tested during production but is guaranteed by the design and qualified by means of matrix
batches which are made in the pilot production period.
3. This parameter is measured at nominal settings of the various controls.
4. Indicated is a signal for a colour bar with 75% saturation (chrominance : burst ratio = 2.2 : 1).
5. The RGB1 inputs (pins 14 to 17) have priority over the RGB2 inputs (pins 23 to 25).
6. Nominal contrast is specified with the DAC in position 20H. Nominal saturation as maximum
−10 dB. In the nominal
brightness setting the black level at the outputs is identical to the level of the black-current measuring pulses.
7. This parameter is not tested during production and is just given as application information for the designer of the
television receiver.
8. The
−3 dB bandwidth of the circuit can be calculated by means of the following equation:
9. Valid for a signal amplitude on the Y-input of 0.7 V black-to-white (100 IRE) with a rise time (10% to 90%) of 70 ns
and the video switch in the Y/C mode. During production the peaking function is not tested by measuring the
overshoots but by measuring the frequency response of the Y output.
10. For video signals with a black level which deviates from the back-porch blanking level the signal is ‘stretched’ to the
blanking level. The amount of correction depends on the IRE value of the signal (see Fig.10). The black level is
detected by the capacitor connected to pin 2. The black level stretcher can be made inoperative by connecting pin 2
to the positive supply line. The values given are valid only when the luminance input signal (pins 7, 9 and 13) has a
value of 1 V (p-p).
11. The slicing level is independent of sync pulse amplitude. The given percentage is the distance between the slicing
level and the black level (back porch).
BEAM CURRENT LIMITING (PIN 22); note 23
VCR
contrast reduction starting voltage
−
3.5
−
V
VdiffCR
voltage difference for full contrast
reduction
−
2.0
−
V
VBR
brightness reduction starting voltage
−
2.5
−
V
VdiffBR
voltage difference for full brightness
reduction
−
1.0
−
V
Vbias
internal bias voltage
−
4.5
−
V
Ich(int)
internal charge current
−
25
−µA
Idisch
discharge current due to ‘peak-white
limiting’
−
200
−µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
f
3dB
–
f
osc 1
1
2Q
--------
–


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com