Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 206 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 206 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 202Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 203Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 204Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 205Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 206Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 207Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 208Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 209Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 210Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 288 page
background image
DDC12AB Interface
Data Sheet
MC68HC908BD48 — Rev. 2.1
206
DDC12AB Interface
Freescale Semiconductor
When the DDRR is read by the CPU, the receive buffer full flag is cleared
(RXBF = 0), and the next received data is loaded to the DDRR. Each
time when new data is loaded to the DDRR, the RXIF interrupt flag is set,
indicating that new data is available in DDRR.
The sequence of events for slave receive and master receive are
illustrated in Figure 15-8.
15.7 Programming Considerations
When the DDC module detects an arbitration loss in master mode, it will
release both SDA and SCL lines immediately. But if there are no further
STOP conditions detected, the module will hang up. Therefore, it is
recommended to have time-out software to recover from such ill
condition. The software can start the time-out counter by looking at the
BB (Bus Busy) flag in the DMCR and reset the counter on the completion
of one byte transmission. If a time-out occur, software can clear the DEN
bit (disable DDC module) to release the bus, and hence clearing the BB
flag. This is the only way to clear the BB flag by software if the module
hangs up due to a no STOP condition received. The DDC can resume
operation again by setting the DEN bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com