Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 203 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 203 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 199Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 200Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 201Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 202Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 203Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 204Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 205Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 206Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 207Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 288 page
background image
DDC12AB Interface
MC68HC908BD48 — Rev. 2.1
Data Sheet
Freescale Semiconductor
DDC12AB Interface
203
SRW — DDC Slave Read/Write
This bit indicates the data direction when the module is in slave mode.
It is updated after the calling address is received from a master
device. SRW = 1 when the calling master is reading data from the
module (slave transmit mode). SRW = 0 when the master is writing
data to the module (receive mode).
1 = Slave mode transmit
0 = Slave mode receive
RXAK — DDC Receive Acknowledge
When this bit is cleared, it indicates an acknowledge signal has been
received after the completion of 8 data bits transmission on the bus.
When RXAK is set, it indicates no acknowledge signal has been
detected at the 9th clock; the module will release the SDA line for the
master to generate "stop" or "repeated start" condition. Reset sets this
bit.
1 = No acknowledge signal received at 9th clock bit
0 = Acknowledge signal received at 9th clock bit
SCLIF — SCL Interrupt Flag
This flag is set when a falling edge is detected on the SCL line, only if
DDC1EN bit is set. SCLIF generates an interrupt request to CPU if the
SCLIEN bit in DCR is also set. SCLIF is cleared by writing "0" to it or
when the DCC1EN = 0, or DEN = 0. Reset clears this bit.
1 = Falling edge detected on SCL line
0 = No falling edge detected on SCL line
TXBE — DDC Transmit Buffer Empty
This flag indicates the status of the data transmit register (DDTR).
When the CPU writes the data to the DDTR, the TXBE flag will be
cleared. TXBE is set when DDTR is emptied by a transfer of its data
to the output circuit. Reset sets this bit.
1 = Data transmit register empty
0 = Data transmit register full



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com