Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 199 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 199 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 195Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 196Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 197Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 198Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 199Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 200Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 201Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 202Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 203Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 288 page
background image
DDC12AB Interface
MC68HC908BD48 — Rev. 2.1
Data Sheet
Freescale Semiconductor
DDC12AB Interface
199
SCLIEN — SCL Interrupt Enable
When this bit is set, the SCLIF flag is enabled to generate an interrupt
request to the CPU. When SCLIEN is cleared, SCLIF is prevented
from generating an interrupt request. Reset clears this bit.
1 = SCLIF bit set will generate interrupt request to CPU
0 = SCLIF bit set will not generate interrupt request to CPU
DDC1EN — DDC1 Protocol Enable
This bit is set to enable DDC1 protocol. The DDC1 protocol will use
the Vsync input (from sync processor) as the master clock input to the
DDC module. Vsync rising-edge will continuously clock out the data
to the output circuit. No calling address comparison is performed. The
SRW bit in DDC status register (DSR) will always read as "1". Reset
clears this bit.
1 = DDC1 protocol enabled
0 = DDC1 protocol disabled
15.6.4 DDC Master Control Register (DMCR)
ALIF — DDC Arbitration Lost Interrupt Flag
This flag is set when software attempt to set MAST but the BB has
been set by detecting the start condition on the lines or when the DDC
is transmitting a "1" to SDA line but detected a "0" from SDA line in
master mode – an arbitration loss. This bit generates an interrupt
request to the CPU if the DIEN bit in DCR is also set. This bit is
cleared by writing "0" to it or by reset.
1 = Lost arbitration in master mode
0 = No arbitration lost
Address:
$0016
Bit 7
654321
Bit 0
Read:
ALIF
NAKIF
BB
MAST
MRW
BR2
BR1
BR0
Write:
Reset:
00000000
Figure 15-4. DDC Master Control Register (DMCR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com