Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 198 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 198 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 194Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 195Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 196Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 197Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 198Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 199Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 200Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 201Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 202Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 288 page
background image
DDC12AB Interface
Data Sheet
MC68HC908BD48 — Rev. 2.1
198
DDC12AB Interface
Freescale Semiconductor
15.6.3 DDC Control Register (DCR)
DEN — DDC Enable
This bit is set to enable the DDC module. When DEN = 0, module is
disabled and all flags will restore to its power-on default states. Reset
clears this bit.
1 = DDC module enabled
0 = DDC module disabled
DIEN — DDC Interrupt Enable
When this bit is set, the TXIF, RXIF, ALIF, and NAKIF flags are
enabled to generate an interrupt request to the CPU. When DIEN is
cleared, the these flags are prevented from generating an interrupt
request. Reset clears this bit.
1 = TXIF, RXIF, ALIF, and/or NAKIF bit set will generate interrupt
request to CPU
0 = TXIF, RXIF, ALIF, and/or NAKIF bit set will not generate
interrupt request to CPU
TXAK — Transmit Acknowledge Enable
This bit is set to disable the DDC from sending out an acknowledge
signal to the bus at the 9th clock bit after receiving 8 data bits. When
TXAK is cleared, an acknowledge signal will be sent at the 9th clock
bit. Reset clears this bit.
1 = DDC does not send acknowledge signals at 9th clock bit
0 = DDC sends acknowledge signal at 9th clock bit
Address:
$0018
Bit 7
654321
Bit 0
Read:
DEN
DIEN
00
TXAK
SCLIEN DDC1EN
0
Write:
Reset:
00000000
= Unimplemented
Figure 15-3. DDC Control Register (DCR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com