Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 196 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 196 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 192Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 193Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 194Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 195Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 196Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 197Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 198Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 199Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 200Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 288 page
background image
DDC12AB Interface
Data Sheet
MC68HC908BD48 — Rev. 2.1
196
DDC12AB Interface
Freescale Semiconductor
15.5 DDC Protocols
In DDC1 protocol communication, the module is in transmit mode. The
data written to the transmit register is continuously clocked out to the
SDA line by the rising edge of the Vsync input signal. During DDC1
communication, a falling transition on the SCL line can be detected to
generate an interrupt to the CPU for mode switching.
In DDC2AB protocol communication, the module can be either in
transmit mode or in receive mode, controlled by the calling master.
In DDC2 protocol communication, the module will act as a standard IIC
module, able to act as a master or a slave device.
15.6 Registers
Seven registers are associated with the DDC module, they outlined in
the following sections.
15.6.1 DDC Address Register (DADR)
DAD[7:1] — DDC Address
These 7 bits can be the DDC2 interface’s own specific slave address
in slave mode or the calling address when in master mode. Reset sets
a default value of $A0.
Address:
$0017
Bit 7
654321
Bit 0
Read:
DAD7
DAD6
DAD5
DAD4
DAD3
DAD2
DAD1
EXTAD
Write:
Reset:
10100000
Figure 15-1. DDC Address Register (DADR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com