Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 200 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 200 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 196Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 197Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 198Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 199Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 200Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 201Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 202Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 203Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 204Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 288 page
background image
DDC12AB Interface
Data Sheet
MC68HC908BD48 — Rev. 2.1
200
DDC12AB Interface
Freescale Semiconductor
NAKIF — No Acknowledge Interrupt Flag
This flag is only set in master mode (MAST = 1) when there is no
acknowledge bit detected after one data byte or calling address is
transferred. This flag also clears MAST. NAKIF generates an interrupt
request to CPU if the DIEN bit in DCR is also set. This bit is cleared
by writing "0" to it or by reset.
1 = No acknowledge bit detected
0 = Acknowledge bit detected
BB — Bus Busy Flag
This flag is set after a start condition is detected (bus busy), and is
cleared when a stop condition (bus idle) is detected or the DDC is
disabled. Reset clears this bit.
1 = Start condition detected
0 = Stop condition detected or DDC is disabled
MAST — Master Control Bit
This bit is set to initiate a master mode transfer. In master mode, the
module generates a start condition to the SDA and SCL lines,
followed by sending the calling address stored in DADR.
When the MAST bit is cleared by NAKIF set (no acknowledge) or by
software, the module generates the stop condition to the lines after
the current byte is transmitted.
If an arbitration loss occurs (ALIF = 1), the module reverts to slave
mode by clearing MAST, and releasing SDA and SCL lines
immediately.
This bit is cleared by writing "0" to it or by reset.
1 = Master mode operation
0 = Slave mode operation
MRW — Master Read/Write
This bit will be transmitted out as bit 0 of the calling address when the
module sets the MAST bit to enter master mode. The MRW bit
determines the transfer direction of the data bytes that follows. When
it is "1", the module is in master receive mode. When it is "0", the
module is in master transmit mode. Reset clears this bit.
1 = Master mode receive
0 = Master mode transmit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com