Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 197 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 197 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 193Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 194Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 195Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 196Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 197Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 198Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 199Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 200Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 201Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 288 page
background image
DDC12AB Interface
MC68HC908BD48 — Rev. 2.1
Data Sheet
Freescale Semiconductor
DDC12AB Interface
197
EXTAD — DDC Expanded Address
This bit is set to expand the calling address of the DDC in slave mode.
When set, the DDC will acknowledge the general call address $00
and the matched 4-bit MSB address, DAD[7:4].
For example, when DAD[7:1] = $A1 and EXTAD = 1, the DDC calling
address is $A0, and it will acknowledge calling addresses $00 and
$A0 to $AF.
Reset clears this bit.
1 = DDC calling address is $DAD[7:4]0
DDC respond address is $00, and $DAD[7:4]0 to $DAD[7:4]F
0 = DDC address id $DAD[7:1]
15.6.2 DDC2 Address Register (D2ADR)
D2AD[7:1] — DDC2 Address
These 7 bits represent the second slave address for the DDC2BI
protocol. D2AD[7:1] should be set to the same value as DAD[7:1] in
DADR if user application do not use DDC2BI. Reset clears all bits this
register.
Address:
$001C
Bit 7
654321
Bit 0
Read:
D2AD7
D2AD6
D2AD5
D2AD4
D2AD3
D2AD2
D2AD1
0
Write:
Reset:
00000000
Figure 15-2. DDC2 Address Register (D2ADR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com