Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 193 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 193 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 189Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 190Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 191Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 192Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 193Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 194Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 195Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 196Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 197Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 288 page
background image
MC68HC908BD48 — Rev. 2.1
Data Sheet
Freescale Semiconductor
DDC12AB Interface
193
Data Sheet — MC68HC908BD48
Section 15. DDC12AB Interface
15.1 Contents
15.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 193
15.3
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 194
15.4
I/O Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 194
15.5
DDC Protocols . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 196
15.6
Registers. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 196
15.6.1
DDC Address Register (DADR) . . . . . . . . . . . . . . . . . . . . . 196
15.6.2
DDC2 Address Register (D2ADR) . . . . . . . . . . . . . . . . . . . 197
15.6.3
DDC Control Register (DCR) . . . . . . . . . . . . . . . . . . . . . . . 198
15.6.4
DDC Master Control Register (DMCR) . . . . . . . . . . . . . . . 199
15.6.5
DDC Status Register (DSR) . . . . . . . . . . . . . . . . . . . . . . . . 202
15.6.6
DDC Data Transmit Register (DDTR) . . . . . . . . . . . . . . . . 204
15.6.7
DDC Data Receive Register (DDRR) . . . . . . . . . . . . . . . . . 205
15.7
Programming Considerations . . . . . . . . . . . . . . . . . . . . . . . . . 206
15.2 Introduction
This DDC12AB Interface module is used by the digital monitor to show
its identification information to the video controller. It contains DDC1
hardware and a two-wire, bidirectional serial bus which is fully
compatible with multi-master IIC bus protocol to support DDC2AB
interface.
This module not only can be applied in internal communications, but can
also be used as a typical command reception serial bus for factory setup
and alignment purposes. It also provides the flexibility of hooking
additional devices to an existing system for future expansion without
adding extra hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com