Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 190 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 190 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 186Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 187Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 188Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 189Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 190Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 191Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 192Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 193Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 194Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 288 page
background image
Multi-Master IIC Interface (MMIIC)
Data Sheet
MC68HC908BD48 — Rev. 2.1
190
Multi-Master IIC Interface (MMIIC)
Freescale Semiconductor
•
the calling address from the master when the address match flag
is set (MMATCH = 1); or
•
the last data received when MMATCH = 0.
In master mode, the data in the MMDRR is:
•
the last data received.
When the MMDRR is read by the CPU, the receive buffer full flag is
cleared (MMRXBF = 0), and the next received data is loaded to the
MMDRR. Each time when new data is loaded to the MMDRR, the
MMRXIF interrupt flag is set, indicating that new data is available in
MMDRR.
The sequence of events for slave receive and master receive are
illustrated in Figure 14-7.
14.6 Programming Considerations
When the MMIIC module detects an arbitration loss in master mode, it
will release both SDA and SCL lines immediately. But if there are no
further STOP conditions detected, the module will hang up. Therefore, it
is recommended to have time-out software to recover from such ill
condition. The software can start the time-out counter by looking at the
MMBB (Bus Busy) flag in the MIMCR and reset the counter on the
completion of one byte transmission. If a time-out occur, software can
clear the MMEN bit (disable MMIIC module) to release the bus, and
hence clearing the MMBB flag. This is the only way to clear the MMBB
flag by software if the module hangs up due to a no STOP condition
received. The MMIIC can resume operation again by setting the MMEN
bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com