Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 187 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 187 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 183Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 184Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 185Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 186Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 187Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 188Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 189Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 190Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 191Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 288 page
background image
Multi-Master IIC Interface (MMIIC)
MC68HC908BD48 — Rev. 2.1
Data Sheet
Freescale Semiconductor
Multi-Master IIC Interface (MMIIC)
187
MMTXIF — Multi-Master Transmit Interrupt Flag
This flag is set when data in the data transmit register (MMDTR) is
downloaded to the output circuit, and that new data can be written to
the MMDTR. MMTXIF generates an interrupt request to CPU if the
MMIEN bit in MMCR is also set. This bit is cleared by writing "0" to it
or when the MMEN = 0.
1 = Data transfer completed
0 = Data transfer in progress
MMATCH — Multi-Master Address Match
This flag is set when the received data in the data receive register
(MMDRR) is an calling address which matches with the address or its
extended addresses (MMEXTAD=1) specified in the MMADR
register.
1 = Received address matches MMADR
0 = Received address does not match
MMSRW — Multi-Master Slave Read/Write
This bit indicates the data direction when the module is in slave mode.
It is updated after the calling address is received from a master
device. MMSRW = 1 when the calling master is reading data from the
module (slave transmit mode). MMSRW = 0 when the master is
writing data to the module (receive mode).
1 = Slave mode transmit
0 = Slave mode receive
MMRXAK — Multi-Master Receive Acknowledge
When this bit is cleared, it indicates an acknowledge signal has been
received after the completion of 8 data bits transmission on the bus.
When MMRXAK is set, it indicates no acknowledge signal has been
detected at the 9th clock; the module will release the SDA line for the
master to generate "stop" or "repeated start" condition. Reset sets this
bit.
1 = No acknowledge signal received at 9th clock bit
0 = Acknowledge signal received at 9th clock bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com