Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 184 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 184 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 180Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 181Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 182Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 183Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 184Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 185Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 186Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 187Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 188Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 288 page
background image
Multi-Master IIC Interface (MMIIC)
Data Sheet
MC68HC908BD48 — Rev. 2.1
184
Multi-Master IIC Interface (MMIIC)
Freescale Semiconductor
14.5.3 Multi-Master IIC Master Control Register (MIMCR)
MMALIF — Multi-Master Arbitration Lost Interrupt Flag
This flag is set when software attempt to set MMAST but the MMBB
has been set by detecting the start condition on the lines or when the
MMIIC is transmitting a "1" to SDA line but detected a "0" from SDA
line in master mode – an arbitration loss. This bit generates an
interrupt request to the CPU if the MMIEN bit in MMCR is also set.
This bit is cleared by writing "0" to it or by reset.
1 = Lost arbitration in master mode
0 = No arbitration lost
MMNAKIF — No Acknowledge Interrupt Flag
This flag is only set in master mode (MMAST = 1) when there is no
acknowledge bit detected after one data byte or calling address is
transferred. This flag also clears MMAST. MMNAKIF generates an
interrupt request to CPU if the MMIEN bit in MMCR is also set. This
bit is cleared by writing "0" to it or by reset.
1 = No acknowledge bit detected
0 = Acknowledge bit detected
MMBB — Bus Busy Flag
This flag is set after a start condition is detected (bus busy), and is
cleared when a stop condition (bus idle) is detected or the MMIIC is
disabled. Reset clears this bit.
1 = Start condition detected
0 = Stop condition detected or MMIIC is disabled
Address:
$004A
Bit 7
654321
Bit 0
Read:
MMALIF MMNAKIF
MMBB
MMAST
MMRW
MMBR2
MMBR1
MMBR0
Write:
Reset:
00000000
Figure 14-3. Multi-Master IIC Master Control Register (MIMCR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com