Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 182 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 182 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 178Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 179Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 180Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 181Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 182Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 183Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 184Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 185Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 186Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 288 page
background image
Multi-Master IIC Interface (MMIIC)
Data Sheet
MC68HC908BD48 — Rev. 2.1
182
Multi-Master IIC Interface (MMIIC)
Freescale Semiconductor
14.5.1 Multi-Master IIC Address Register (MMADR)
MMAD[7:1] — Multi-Master Address
These 7 bits can be the MMIIC interface’s own specific slave address
in slave mode or the calling address when in master mode. Reset sets
a default value of $A0.
MMEXTAD — Multi-Master Expanded Address
This bit is set to expand the calling address of the MMIIC in slave
mode. When set, the MMIIC will acknowledge the general call
address $00 and the matched 4-bit MSB address, MMAD[7:4].
For example, when MMAD[7:1] = $A1 and MMEXTAD = 1, the MMIIC
calling address is $A0, and it will acknowledge calling addresses $00
and $A0 to $AF.
Reset clears this bit.
1 = MMIIC calling address is $MMAD[7:4]0
MMIIC respond address is $00, and $MMAD[7:4]0 to
$MMAD[7:4]F
0 = MMIIC address is $MMAD[7:1]
Address:
$004B
Bit 7
654321
Bit 0
Read:
MMAD7
MMAD6
MMAD5
MMAD4
MMAD3
MMAD2
MMAD1 MMEXTAD
Write:
Reset:
10100000
Figure 14-1. Multi-Master IIC Address Register (MMADR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com