Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 181 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 181 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 177Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 178Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 179Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 180Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 181Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 182Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 183Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 184Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 185Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 288 page
background image
Multi-Master IIC Interface (MMIIC)
MC68HC908BD48 — Rev. 2.1
Data Sheet
Freescale Semiconductor
Multi-Master IIC Interface (MMIIC)
181
14.5 Registers
Six registers are associated with the Multi-master IIC module, they are
outlined in the following sections.
Table 14-2. MMIIC I/O Register Summary
Addr.
Register Name
Bit 7
654321
Bit 0
$004A
Multi-Master IIC
Master Control Register
(MIMCR)
Read:
MMALIF MMNAKIF
MMBB
MMAST
MMRW
MMBR2
MMBR1
MMBR0
Write:
Reset:
00000000
$004B
Multi-Master IIC
Address Register
(MMADR)
Read:
MMAD7
MMAD6
MMAD5
MMAD4
MMAD3
MMAD2
MMAD1 MMEXTAD
Write:
Reset:
10100000
$004C
Multi-Master IIC
Control Register
(MMCR)
Read:
MMEN
MMIEN
00
MMTXAK
000
Write:
Reset:
00000000
$004D
Multi-Master IIC
Status Register
(MMSR)
Read: MMRXIF MMTXIF MMATCH MMSRW MMRXAK
0
MMTXBE MMRXBF
Write:
0
0
Reset:
00001010
$004E
Multi-Master IIC
Data Transmit Register
(MMDTR)
Read:
MMTD7
MMTD6
MMTD5
MMTD4
MMTD3
MMTD2
MMTD1
MMTD0
Write:
Reset:
11111111
$004F
Multi-Master IIC
Data Receive Register
(MMDRR)
Read: MMRD7
MMRD6
MMRD5
MMRD4
MMRD3
MMRD2
MMRD1
MMRD0
Write:
Reset:
00000000
= Unimplemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com