Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 185 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 185 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 181Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 182Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 183Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 184Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 185Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 186Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 187Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 188Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 189Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 288 page
background image
Multi-Master IIC Interface (MMIIC)
MC68HC908BD48 — Rev. 2.1
Data Sheet
Freescale Semiconductor
Multi-Master IIC Interface (MMIIC)
185
MMAST — Master Control Bit
This bit is set to initiate a master mode transfer. In master mode, the
module generates a start condition to the SDA and SCL lines,
followed by sending the calling address stored in MMADR.
When the MMAST bit is cleared by MMNAKIF set (no acknowledge)
or by software, the module generates the stop condition to the lines
after the current byte is transmitted.
If an arbitration loss occurs (MMALIF = 1), the module reverts to slave
mode by clearing MMAST, and releasing SDA and SCL lines
immediately.
This bit is cleared by writing "0" to it or by reset.
1 = Master mode operation
0 = Slave mode operation
MMRW — Master Read/Write
This bit will be transmitted out as bit 0 of the calling address when the
module sets the MMAST bit to enter master mode. The MMRW bit
determines the transfer direction of the data bytes that follows. When
it is "1", the module is in master receive mode. When it is "0", the
module is in master transmit mode. Reset clears this bit.
1 = Master mode receive
0 = Master mode transmit
MMBR2–MMBR0 — Baud Rate Select
These three bits select one of eight clock rates as the master clock
when the module is in master mode.
Since this master clock is derived the CPU bus clock, the user
program should not execute the WAIT instruction when the MMIIC
module in master mode. This will cause the SDA and SCL lines to
hang, as the WAIT instruction places the MCU in WAIT mode, with
CPU clock is halted. These bits are cleared upon reset. (See Table
14-3 . Baud Rate Select.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com