Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 186 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 186 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 182Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 183Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 184Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 185Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 186Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 187Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 188Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 189Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 190Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 288 page
background image
Multi-Master IIC Interface (MMIIC)
Data Sheet
MC68HC908BD48 — Rev. 2.1
186
Multi-Master IIC Interface (MMIIC)
Freescale Semiconductor
14.5.4 Multi-Master IIC Status Register (MMSR)
MMRXIF — Multi-Master IIC Receive Interrupt Flag
This flag is set after the data receive register (MMDRR) is loaded with
a new received data. Once the MMDRR is loaded with received data,
no more received data can be loaded to the MMDRR register until the
CPU reads the data from the MMDRR to clear MMRXBF flag.
MMRXIF generates an interrupt request to CPU if the MMIEN bit in
MMCR is also set. This bit is cleared by writing "0" to it or by reset; or
when the MMEN = 0.
1 = New data in data receive register (MMDRR)
0 = No data received
Table 14-3. Baud Rate Select
MMBR2
MMBR1
MMBR0
Baud Rate
000
750k
001
375k
0
1
0
187.5k
011
93.75k
100
46.875k
101
23.437k
110
11.719k
1
1
1
5.859k
NOTE:
CPU bus clock is external clock ÷ 4 = 6MHz
Address:
$004D
Bit 7
654321
Bit 0
Read: MMRXIF MMTXIF MMATCH MMSRW MMRXAK
0
MMTXBE MMRXBF
Write:
0
0
Reset:
00001010
= Unimplemented
Figure 14-4. Multi-Master IIC Status Register (MMSR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com