Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 183 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 183 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 179Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 180Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 181Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 182Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 183Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 184Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 185Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 186Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 187Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 288 page
background image
Multi-Master IIC Interface (MMIIC)
MC68HC908BD48 — Rev. 2.1
Data Sheet
Freescale Semiconductor
Multi-Master IIC Interface (MMIIC)
183
14.5.2 Multi-Master IIC Control Register (MMCR)
MMEN — Multi-Master IIC Enable
This bit is set to enable the Multi-master IIC module. When
MMEN = 0, module is disabled and all flags will restore to its power-
on default states. Reset clears this bit.
1 = MMIIC module enabled
0 = MMIIC module disabled
MMIEN — Multi-Master IIC Interrupt Enable
When this bit is set, the MMTXIF, MMRXIF, MMALIF, and MMNAKIF
flags are enabled to generate an interrupt request to the CPU. When
MMIEN is cleared, the these flags are prevented from generating an
interrupt request. Reset clears this bit.
1 = MMTXIF, MMRXIF, MMALIF, and/or MMNAKIF bit set will
generate interrupt request to CPU
0 = MMTXIF, MMRXIF, MMALIF, and/or MMNAKIF bit set will not
generate interrupt request to CPU
MMTXAK — Transmit Acknowledge Enable
This bit is set to disable the MMIIC from sending out an acknowledge
signal to the bus at the 9th clock bit after receiving 8 data bits. When
MMTXAK is cleared, an acknowledge signal will be sent at the 9th
clock bit. Reset clears this bit.
1 = MMIIC does not send acknowledge signals at 9th clock bit
0 = MMIIC sends acknowledge signal at 9th clock bit
Address:
$004C
Bit 7
654321
Bit 0
Read:
MMEN
MMIEN
00
MMTXAK
000
Write:
Reset:
00000000
= Unimplemented
Figure 14-2. Multi-Master IIC Control Register (MMCR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com