Electronic Components Datasheet Search
  English  ▼

X  

TDA9321 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA9321
Description  I2C-bus controlled TV input processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9321 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA9321 Datasheet HTML 6Page - NXP Semiconductors TDA9321 Datasheet HTML 7Page - NXP Semiconductors TDA9321 Datasheet HTML 8Page - NXP Semiconductors TDA9321 Datasheet HTML 9Page - NXP Semiconductors TDA9321 Datasheet HTML 10Page - NXP Semiconductors TDA9321 Datasheet HTML 11Page - NXP Semiconductors TDA9321 Datasheet HTML 12Page - NXP Semiconductors TDA9321 Datasheet HTML 13Page - NXP Semiconductors TDA9321 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
1998 Dec 16
10
Philips Semiconductors
Preliminary specification
I2C-bus controlled TV input processor
TDA9321H
RGB switch and matrix
The IC has 2 RGB inputs with fast switching. The switching
of the various sourcing is controlled via the I2C-bus and the
condition of the switch inputs can be read from the I2C-bus
status bytes. If the RGB signals are not synchronous with
the selected decoder input signal, an external clamp pulse
has to be supplied to the HA/CLP input. The IC must be set
in this mode via the I2C-bus. In that case the vertical pulse
is suppressed by switching the VA output in a
high-impedance off-state.
When an external RGB signal is mixed with the internal
YUV signal it is necessary to switch-off the PALplus
demodulation. To detect the presence of a fast blanking a
circuit is added which forces bits MACP and HD to zero if
a blanking pulse is detected in 2 consecutive lines. This
system is chosen to prevent switching-off at every spike
which is detected on the fast blanking input.
The IC has the possibility to use the RGB1 input as YUV
input. This function can be enabled by means of bit YUV in
subaddress 0A (D3). When switched to the YUV input the
input signals must have the same amplitude and polarity
as the YUV output signals. The Y signal has to be supplied
to the GI1 input, the U signal to the BI1 input and the
V signal to the RI1 input.
Synchronization circuit
The sync separator is preceded by a controlled amplifier
which adjusts the sync pulse amplitude to a fixed level.
These pulses are fed to the slicing stage which operates at
50% of the amplitude. The separated sync pulses are fed
to the phase detector and to the coincidence detector. This
coincidence detector is used to detect whether the line
oscillator is synchronized and can also be used for
transmitter identification. This circuit can be made less
sensitive with bit STM. This mode can be used during
search tuning to avoid the tuning system stopping at very
weak input signals. The PLL has a very high statical
steepness so that the phase of the picture is independent
of the line frequency.
For the horizontal output pulse 2 conditions are possible:
• An HA pulse which has a phase and width which is
identical to the incoming horizontal sync pulse
• A clamp pulse (CLP) which has a phase and width which
is identical to the clamp pulse in the sandcastle pulse.
The HA/CLP signal is generated by means of an oscillator
which is running at a frequency of 440
× f
hor. Its frequency
is divided by 440 to lock the first loop to the incoming
signal. The time constant of the loop can be forced by the
I2C-bus (fast or slow).
If required the IC can select the time constant depending
on the noise content of the incoming video signal.
The free-running frequency of the oscillator is determined
by a digital control circuit which is locked to the reference
signal of the colour decoder. When the IC is switched on
the HA/CLP is suppressed and the oscillator is calibrated
as soon as all subaddress bytes have been sent. When the
frequency of the oscillator is correct the HA/CLP signal is
switched on again. When the coincidence detector
indicates an out-of-lock situation the calibration procedure
is repeated.
The VA pulse is obtained via a vertical count-down circuit.
The count-down circuit has various windows depending on
the incoming signal (50 or 60 Hz standard or
non-standard). The count-down circuit can be forced in
various modes via the I2C-bus. To obtain short switching
times of the count-down circuit during a channel change
the divider can be forced in the search window by means
of bit NCIN.
I2C-BUS SPECIFICATION
The slave address of the IC is given in Table 1. Bit A1 is
controlled via pin AS. When pin AS is connected to
pin GND2 it is at logic 0 and when connected to VP2 it is at
logic 1. When pin AS is left open-circuit it is connected to
ground via an internal pull-up resistor. The circuit operates
at clock frequencies of up to 400 kHz.
Table 1
Slave address bits
Start-up procedure
Read the status bytes until bit POR = 0 and send all
subaddress bytes. It is advised to check the I2C-bus
transmission by reading the output status bits SXA
to SXD. This ensures a good operation of the calibration
system of the horizontal oscillator. The horizontal output
signal is switched on when the oscillator is calibrated.
Each time before the data in the IC is refreshed, the status
bytes must be read. If bit POR = 1, then the procedure
mentioned above must be carried out to restart the IC.
When this procedure is not carried out the horizontal
frequency may be incorrect after power-up or after a power
dip.
The valid subaddresses are 00 to 0E. Subaddresses
FE and FF are reserved for test purposes. Auto-increment
mode is available for the subaddresses.
A6
A5
A4
A3
A2
A1
A0
R/W
10001
1/0
1
1/0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com