Electronic Components Datasheet Search
  English  ▼

X  

TDA9321 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # TDA9321
Description  I2C-bus controlled TV input processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9321 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button TDA9321 Datasheet HTML 11Page - NXP Semiconductors TDA9321 Datasheet HTML 12Page - NXP Semiconductors TDA9321 Datasheet HTML 13Page - NXP Semiconductors TDA9321 Datasheet HTML 14Page - NXP Semiconductors TDA9321 Datasheet HTML 15Page - NXP Semiconductors TDA9321 Datasheet HTML 16Page - NXP Semiconductors TDA9321 Datasheet HTML 17Page - NXP Semiconductors TDA9321 Datasheet HTML 18Page - NXP Semiconductors TDA9321 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
1998 Dec 16
15
Philips Semiconductors
Preliminary specification
I2C-bus controlled TV input processor
TDA9321H
Table 35 IF sensitivity
Table 36 Search tuning mode
IFS
IF SENSITIVITY
0
normal
1
reduced
STM
MODE
0
normal operation
1
reduced sensitivity of video ident circuit
Table 37 Video mute
Table 38 PLL demodulator frequency shift
VSW
STATE
0
normal operation
1
VIF signal switched off
L’FA
MODE
0
normal IF frequency
1
frequency shift for L’ standard
Table 39 Output status bits
Note
1. X = don’t care.
FUNCTION
SUBADDRESS
(HEX)
DATA BYTE
D7
D6
D5
D4
D3
D2
D1
D0
Output status bytes
00
POR
X(1)
X(1)
X(1)
SNR
FSI
SL
IVW
01
CD3
CD2
CD1
CD0
SXD
SXC
SXB
SXA
02
IN1
IN2
CMB
YC
S2A
S2B
S1A
S1B
03
ID3
ID2
ID1
ID0
IFI
PL
AFA
AFB
OUTPUT CONTROL BITS
Table 40 Power-on reset
Table 41 Signal-to-noise ratio of sync signal
Table 42 Field frequency indication
POR
MODE
0
normal
1
power-down
SNR
SIGNAL-TO-NOISE RATIO
0
S/N > 20 dB
1
S/N < 20 dB
FSI
FREQUENCY
050 Hz
160 Hz
Table 43 Phase 1 (
ϕ1) lock indication
Table 44 Condition vertical divider
Table 45 Crystal indication (SXA to SXD)
SL
INDICATION
0
not locked
1
locked
IVW
STANDARD VIDEO SIGNAL
0
no standard video signal
1
standard video signal in ‘narrow window’ or
standard TV norm (525 or 625 lines)
SXA to SXD
CONDITIONS
0
no crystal connected
1
crystal connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com