Electronic Components Datasheet Search
  English  ▼

X  

TDA9321 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDA9321
Description  I2C-bus controlled TV input processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9321 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDA9321 Datasheet HTML 10Page - NXP Semiconductors TDA9321 Datasheet HTML 11Page - NXP Semiconductors TDA9321 Datasheet HTML 12Page - NXP Semiconductors TDA9321 Datasheet HTML 13Page - NXP Semiconductors TDA9321 Datasheet HTML 14Page - NXP Semiconductors TDA9321 Datasheet HTML 15Page - NXP Semiconductors TDA9321 Datasheet HTML 16Page - NXP Semiconductors TDA9321 Datasheet HTML 17Page - NXP Semiconductors TDA9321 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
1998 Dec 16
14
Philips Semiconductors
Preliminary specification
I2C-bus controlled TV input processor
TDA9321H
Notes
1. When bit ECMB = 1 the subcarrier frequency is present on pin 30. The YCF and CCF signals coming from the comb
filter are only switched on when a signal is received that can be combed.
2. X = don’t care.
3. AUTO YC means the decoder switches between CVBS and Y/C depending on the presence of the burst signal on
these signals.
4. AUTO COMB means the decoder switches to Y/C mode if the burst is present on the C input and to the comb filter
output if the burst is present on the CVBS signal.
Table 24 Video switch outputs
Table 25 Enable YUV input (on RGB1 input)
Table 26 External RGB clamp mode
Table 27 Enable fast blanking RGB1
Table 28 Enable fast blanking RGB2
TXT2
PIP2
TXT1
PIP1
TXT0
PIP0
OUTPUT SIGNAL TXT
OUTPUT SIGNAL PIP
00
−
CVBSint
0
1
0
CVBS1
0
1
1
CVBS2
1
0
0
CVBS3
101
Y3 + C3
1
1
0
CVBS4
111
Y4 + C4
YUV
MODE
0
RGB1 input active
1
YUV input active
ECL
MODE
0
off; internal clamp pulse used
1
on; external clamp pulse has to be supplied to
pin HA/CLP
IE1
FAST BLANKING
0
not active
1
active
IE2
FAST BLANKING
0
not active
1
active
Table 29 Output switches OS0 and OS1
Table 30 Fast filter IF-PLL
Table 31 IF circuit not active
Table 32 Group delay correction
Table 33 Modulation standard
Table 34 AFC window
OS0; OS1
CONDITIONS
0
output = LOW
1
output = HIGH
FFI
CONDITIONS
0
normal time constant
1
fast time constant
IFO
MODE
0
normal operation of IF amplifier
1
IF amplifier switched off
GD
GROUP DELAY CHARACTERISTIC
0
flat
1
according to BG standard
MOD
MODULATION
0
negative
1
positive
AFW
AFC WINDOW
0
normal
1
enlarged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com