Electronic Components Datasheet Search
  English  ▼

X  

M30302GCPFP Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # M30302GCPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30302GCPFP Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button M30302GCPFP Datasheet HTML 41Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 42Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 43Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 44Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 45Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 46Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 47Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 48Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
M16C/30P Group
5. Electrical Characteristics
Rev.1.22
Mar 30, 2007
Page 45 of 53
REJ03B0088-0122
VCC1=VCC2=3V
Timing Requirements
(VCC1 = VCC2 = 3V, VSS = 0V, at Topr =
−20 to 85°C / −40 to 85°C unless otherwise specified)
Table 5.37
Timer B Input (Counter Input in Event Counter Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TB)
TBiIN Input Cycle Time (counted on one edge)
150
ns
tw(TBH)
TBiIN Input HIGH Pulse Width (counted on one edge)
60
ns
tw(TBL)
TBiIN Input LOW Pulse Width (counted on one edge)
60
ns
tc(TB)
TBiIN Input Cycle Time (counted on both edges)
300
ns
tw(TBH)
TBiIN Input HIGH Pulse Width (counted on both edges)
120
ns
tw(TBL)
TBiIN Input LOW Pulse Width (counted on both edges)
120
ns
Table 5.38
Timer B Input (Pulse Period Measurement Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TB)
TBiIN Input Cycle Time
600
ns
tw(TBH)
TBiIN Input HIGH Pulse Width
300
ns
tw(TBL)
TBiIN Input LOW Pulse Width
300
ns
Table 5.39
Timer B Input (Pulse Width Measurement Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TB)
TBiIN Input Cycle Time
600
ns
tw(TBH)
TBiIN Input HIGH Pulse Width
300
ns
tw(TBL)
TBiIN Input LOW Pulse Width
300
ns
Table 5.40
A/D Trigger Input
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(AD)
ADTRG Input Cycle Time
1500
ns
tw(ADL)
ADTRG Input LOW Pulse Width
200
ns
Table 5.41
Serial Interface
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(CK)
CLKi Input Cycle Time
300
ns
tw(CKH)
CLKi Input HIGH Pulse Width
150
ns
tw(CKL)
CLKi Input LOW Pulse Width
150
ns
td(C-Q)
TXDi Output Delay Time
160
ns
th(C-Q)
TXDi Hold Time
0
ns
tsu(D-C)
RXDi Input Setup Time
100
ns
th(C-D)
RXDi Input Hold Time
90
ns
Table 5.42
External Interrupt INTi Input
Symbol
Parameter
Standard
Unit
Min.
Max.
tw(INH)
INTi Input HIGH Pulse Width
380
ns
tw(INL)
INTi Input LOW Pulse Width
380
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com