Electronic Components Datasheet Search
  English  ▼

X  

M30302GCPFP Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # M30302GCPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30302GCPFP Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button M30302GCPFP Datasheet HTML 27Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 28Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 29Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 30Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 31Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 32Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 33Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 34Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 57 page
background image
M16C/30P Group
5. Electrical Characteristics
Rev.1.22
Mar 30, 2007
Page 31 of 53
REJ03B0088-0122
VCC1=VCC2=5V
Timing Requirements
(VCC1 = VCC2 = 5V, VSS = 0V, at Topr =
−20 to 85°C / −40 to 85°C unless otherwise specified)
NOTES:
1. The condition is VCC1=VCC2=3.0 to 5.0V.
NOTES:
1. Calculated according to the BCLK frequency as follows:
2. Calculated according to the BCLK frequency as follows:
n is ”2” for 1-wait setting.
Table 5.11
External Clock Input (XIN input) (1)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc
External Clock Input Cycle Time
62.5
ns
tw(H)
External Clock Input HIGH Pulse Width
25
ns
tw(L)
External Clock Input LOW Pulse Width
25
ns
tr
External Clock Rise Time
15
ns
tf
External Clock Fall Time
15
ns
Table 5.12
Memory Expansion Mode and Microprocessor Mode
Symbol
Parameter
Standard
Unit
Min.
Max.
tac1(RD-DB)
Data Input Access Time (for setting with no wait)
(NOTE 1)
ns
tac2(RD-DB)
Data Input Access Time (for setting with wait)
(NOTE 2)
ns
tsu(DB-RD)
Data Input Setup Time
40
ns
tsu(RDY-BCLK)
RDY Input Setup Time
30
ns
tsu(HOLD-BCLK) HOLD Input Setup Time
40
ns
th(RD-DB)
Data Input Hold Time
0
ns
th(BCLK-RDY)
RDY Input Hold Time
0
ns
th(BCLK-HOLD)
HOLD Input Hold Time
0
ns
0.5x10
9
fBCLK
()
------------------------45 ns
[]
–
n0.5
–
()x10
9
fBCLK
()
-------------------------------------45 ns
[]
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com