Electronic Components Datasheet Search
  English  ▼

X  

M30302GCPFP Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # M30302GCPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30302GCPFP Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button M30302GCPFP Datasheet HTML 20Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 21Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 22Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 23Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 24Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 25Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 26Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 27Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
M16C/30P Group
5. Electrical Characteristics
Rev.1.22
Mar 30, 2007
Page 24 of 53
REJ03B0088-0122
NOTES:
1.
Referenced to VCC1 = VCC2 = 2.7 to 5.5V at Topr =
−20 to 85°C / −40 to 85°C unless otherwise specified.
2.
The Average Output Current is the mean value within 100ms.
3.
The total IOL(peak) for ports P0, P1, P2, P8_6, P8_7, P9 and P10 must be 80mA max. The total IOL(peak) for ports P3, P4, P5,
P6, P7 and P8_0 to P8_4 must be 80mA max. The total IOH(peak) for ports P0, P1, and P2 must be
−40mA max. The total
IOH(peak) for ports P3, P4 and P5 must be
−40mA max. The total IOH(peak) for ports P6, P7, and P8_0 to P8_4 must be −40mA
max.
The total IOH(peak) for ports P8_6, P8_7 and P9 must be
−40mA max. Set Average Output Current to 1/2 of peak.
4.
Relationship between main clock oscillation frequency, and supply voltage.
Table 5.2
Recommended Operating Conditions (1)
Symbol
Parameter
Standard
Unit
Min.
Typ.
Max.
VCC
Supply Voltage (VCC1=VCC2)
2.7
5.0
5.5
V
AVCC
Analog Supply Voltage
VCC
V
VSS
Supply Voltage
0V
AVSS
Analog Supply Voltage
0
V
VIH
HIGH Input
Voltage
P3_1 to P3_7, P4_0 to P4_7, P5_0 to P5_7
0.8VCC
VCC
V
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0
(during single-chip mode)
0.8VCC
VCC
V
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0
(data input during memory expansion and microprocessor mode)
0.5VCC
VCC
V
P6_0 to P6_7, P7_2 to P7_7, P8_0 to P8_7, P9_0 to P9_7,
P10_0 to P10_7, XIN, RESET, CNVSS, BYTE
0.8VCC
VCC
V
P7_0, P7_1
0.8VCC
6.5
V
VIL
LOW Input
Voltage
P3_1 to P3_7, P4_0 to P4_7, P5_0 to P5_7
00.2VCC
V
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0
(during single-chip mode)
00.2VCC
V
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0
(data input during memory expansion and microprocessor mode)
00.16VCC
V
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7, P9_0 to P9_7,
XIN, RESET, CNVSS, BYTE
00.2VCC
V
IOH(peak)
HIGH Peak
Output Current
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7, P6_0 to P6_7, P7_2 to P7_7,
P8_0 to P8_4, P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7
−10.0
mA
IOH(avg)
HIGH Average
Output Current
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7, P6_0 to P6_7, P7_2 to P7_7,
P8_0 to P8_4, P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7
−5.0
mA
IOL(peak)
LOW Peak
Output Current
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7, P6_0 to P6_7, P7_0 to P7_7,
P8_0 to P8_4, P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7
10.0
mA
IOL(avg)
LOW Average
Output Current
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7, P6_0 to P6_7, P7_0 to P7_7,
P8_0 to P8_4, P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7
5.0
mA
f(XIN)
Main Clock Input
Oscillation
Frequency (4)
VCC=3.0V to 5.5V
016
MHz
VCC=2.7V to 3.0V
020×VCC1
−44
MHz
f(XCIN)
Sub-Clock Oscillation Frequency
32.768
50
kHz
f(BCLK)
CPU Operation Clock
0
16
MHz
Main clock input oscillation frequency
16.0
0.0
VCC1[V] (main clock: no division)
5.5
3.0
10.0
2.7
20 x VCC1-44MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com