Electronic Components Datasheet Search
  English  ▼

X  

M30302GCPFP Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # M30302GCPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30302GCPFP Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button M30302GCPFP Datasheet HTML 21Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 22Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 23Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 24Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 25Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 26Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 27Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 28Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
M16C/30P Group
5. Electrical Characteristics
Rev.1.22
Mar 30, 2007
Page 25 of 53
REJ03B0088-0122
NOTES:
1.
Referenced to VCC=AVCC=VREF=3.3 to 5.5V, VSS=AVSS=0V at Topr =
−20 to 85°C / −40 to 85°C unless otherwise specified.
2.
φAD frequency must be 10 MHz or less.
3.
When sample & hold function is disabled,
φAD frequency must be 250 kHz or more, in addition to the limitation in Note 2.
4.
When sample & hold function is enabled,
φAD frequency must be 1MHz or more, in addition to the limitation in Note 2.
Table 5.3
A/D Conversion Characteristics (1)
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
−
Resolution
VREF=VCC
10
Bits
INL
Integral Non-Linearity
Error
10bit
VREF=
VCC=
5V
AN0 to AN7 input,
AN0_0 to AN0_7 input,
ANEX0, ANEX1 input
±5
LSB
VREF=
VCC=
3.3V
AN0 to AN7 input,
AN0_0 to AN0_7 input,
ANEX0, ANEX1 input
±7
LSB
8bit
VREF=VCC=5V, 3.3V
±2
LSB
−
Absolute Accuracy
10bit
VREF=
VCC=
5V
AN0 to AN7 input,
AN0_0 to AN0_7 input,
ANEX0, ANEX1 input
±5
LSB
VREF=
VCC
=3.3V
AN0 to AN7 input,
AN0_0 to AN0_7 input,
ANEX0, ANEX1 input
±7
LSB
8bit
VREF=VCC=5V, 3.3V
±2
LSB
−
Tolerance Level Impedance
3
k
Ω
DNL
Differential Non-Linearity Error
±2
LSB
−
Offset Error
±5
LSB
−
Gain Error
±5
LSB
RLADDER
Ladder Resistance
VREF=VCC
10
40
k
Ω
tCONV
10-bit Conversion Time, Sample & Hold
Function Available
VREF=VCC=5V,
φAD=10MHz
3.3
μs
tCONV
8-bit Conversion Time, Sample & Hold
Function Available
VREF=VCC=5V,
φAD=10MHz
2.8
μs
tSAMP
Sampling Time
0.3
μs
VREF
Reference Voltage
3.0
VCC
V
VIA
Analog Input Voltage
0
VREF
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com