Electronic Components Datasheet Search
  English  ▼

X  

M30302GCPFP Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # M30302GCPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30302GCPFP Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button M30302GCPFP Datasheet HTML 16Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 17Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 18Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 19Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 20Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 21Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 22Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 23Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
M16C/30P Group
4. Special Function Register (SFR)
Rev.1.22
Mar 30, 2007
Page 20 of 53
REJ03B0088-0122
Table 4.3
SFR Information (3) (1)
NOTES:
1.
The blank areas are reserved and cannot be accessed by users.
X : Nothing is mapped to this bit
Address
Register
Symbol
After Reset
0340h
0341h
0342h
0343h
0344h
0345h
0346h
0347h
0348h
0349h
034Ah
034Bh
034Ch
034Dh
034Eh
034Fh
0350h
0351h
0352h
0353h
0354h
0355h
0356h
0357h
0358h
0359h
035Ah
035Bh
035Ch
035Dh
035Eh
Interrupt Factor Select Register 2
IFSR2A
00XXXXXXb
035Fh
Interrupt Factor Select Register
IFSR
00h
0360h
0361h
0362h
0363h
0364h
0365h
0366h
0367h
0368h
0369h
036Ah
036Bh
036Ch
UART0 Special Mode Register 4
U0SMR4
00h
036Dh
UART0 Special Mode Register 3
U0SMR3
000X0X0Xb
036Eh
UART0 Special Mode Register 2
U0SMR2
X0000000b
036Fh
UART0 Special Mode Register
U0SMR
X0000000b
0370h
UART1 Special Mode Register 4
U1SMR4
00h
0371h
UART1 Special Mode Register 3
U1SMR3
000X0X0Xb
0372h
UART1 Special Mode Register 2
U1SMR2
X0000000b
0373h
UART1 Special Mode Register
U1SMR
X0000000b
0374h
UART2 Special Mode Register 4
U2SMR4
00h
0375h
UART2 Special Mode Register 3
U2SMR3
000X0X0Xb
0376h
UART2 Special Mode Register 2
U2SMR2
X0000000b
0377h
UART2 Special Mode Register
U2SMR
X0000000b
0378h
UART2 Transmit/Receive Mode Register
U2MR
00h
0379h
UART2 Bit Rate Generator
U2BRG
XXh
037Ah
UART2 Transmit Buffer Register
U2TB
XXh
037Bh
XXh
037Ch
UART2 Transmit/Receive Control Register 0
U2C0
00001000b
037Dh
UART2 Transmit/Receive Control Register 1
U2C1
00000010b
037Eh
UART2 Receive Buffer Register
U2RB
XXh
037Fh
XXh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com