Electronic Components Datasheet Search
  English  ▼

X  

M30302GCPFP Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # M30302GCPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30302GCPFP Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button M30302GCPFP Datasheet HTML 22Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 23Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 24Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 25Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 26Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 27Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 28Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 29Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
M16C/30P Group
5. Electrical Characteristics
Rev.1.22
Mar 30, 2007
Page 26 of 53
REJ03B0088-0122
NOTES:
1.
Referenced to VCC1=4.5 to 5.5V, 3.0 to 3.6V at Topr = 0 to 60
°C (U3, U5) unless otherwise specified.
2.
Program and Erase Endurance refers to the number of times a block erase can be performed.
If the program and erase endurance is 100, each block can be erased 100 times.
For example, if a 4 Kbytes block A is erased after writing 1 word data 2,048 times, each to a different address, this counts as
one program and erase endurance. Data cannot be written to the same address more than once without erasing the block.
(Rewrite prohibited)
3.
Maximum number of E/W cycles for which operation is guaranteed.
4.
Topr = -40 to 85
°C (U3) / -20 to 85 °C (U5).
Table 5.4
Flash Memory Version Electrical Characteristics (1)
Symbol
Parameter
Standard
Unit
Min.
Typ.
Max.
−
Program and Erase Endurance (2)
100(3)
cycle
−
Word Program Time (VCC1=5.0V
)
25
200
μs
−
Lock Bit Program Time
25
200
μs
−
Block Erase Time
(VCC1=5.0V
)
4-Kbyte block
0.3
4
s
−
8-Kbyte block
0.3
4
s
−
32-Kbyte block
0.5
4
s
−
64-Kbyte block
0.8
4
s
tPS
Flash Memory Circuit Stabilization Wait Time
15
μs
−
Data Hold Time (4)
10
year
Table 5.5
Flash Memory Version Program / Erase Voltage and Read Operation Voltage
Characteristics
Flash Program, Erase Voltage
Flash Read Operation Voltage
VCC1 = 3.3 ± 0.3 V or 5.0 ± 0.5 (Topr = 0°C to 60°C )
VCC1=2.7 to 5.5 V (Topr = -40°C to 85°C (U3)
-20
°C to 85°C (U5))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com