Electronic Components Datasheet Search
  English  ▼

X  

M30302GCPFP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M30302GCPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30302GCPFP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M30302GCPFP Datasheet HTML 3Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 4Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 5Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 6Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 7Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 8Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 9Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 10Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
M16C/30P Group
1. Overview
Rev.1.22
Mar 30, 2007
Page 7 of 53
REJ03B0088-0122
NOTES:The one time flash version can be written once only.
Figure 1.4
Marking Diagram of One Time Flash version, Flash Memory version, and ROM-less
Version for M16C/30P (Top View)
Table 1.5
Product Code of One Time Flash version, Flash Memory version, and ROM-less
version for M16C/30P
Product
Code
Package
Internal ROM
Operating
Ambient
Temperature
Program
and Erase
Endurance
Temperature
Range
One Time Flash
version
U3
Lead-
free
0
0
°C to 60°C
-40°C to 85°C
U5
-20°C to 85°C
Flash Memory
version
U3
Lead-
free
100
0
°C to 60°C
-40°C to 85°C
U5
-20°C to 85°C
ROM-less version
U3
Lead-
free
−−
-40°C to 85°C
U5
-20°C to 85°C
M1 6 C
M 3 0 302 S P F P
AU 3
X XXXX XX
Part No. (See Figure 1.2 Part No., Memory Size, and Package)
Chip version and product code
A
: Shows chip version.
Henceforth, whenever it changes a version,
it continues with A, B, and C.
U3
: Shows Product code. (See table 1.3 Product Code)
Date code seven digits
PRQP0100JB-A (100P6S-A)
M1 6 C
M 3 0302 S P G P
AU 3
XXX XXXX
Part No. (See Figure 1.2 Part No., Memory Size, and Package)
Chip version and product code
A
: Shows chip version.
Henceforth, whenever it changes a version,
it continues with A, B, and C.
U3
: Shows Product code. (See table 1.3 Product Code)
Date code seven digits
PLQP0100KB-A (100P6Q-A)
The product without marking of chip version of One Time Flash version, Flash
Memory version, and the ROMless version corresponds to the chip version “A”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com