Electronic Components Datasheet Search
  English  ▼

X  

M30302GCPFP Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # M30302GCPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30302GCPFP Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button M30302GCPFP Datasheet HTML 15Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 16Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 17Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 18Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 19Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 20Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 21Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 22Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 57 page
background image
M16C/30P Group
4. Special Function Register (SFR)
Rev.1.22
Mar 30, 2007
Page 19 of 53
REJ03B0088-0122
Table 4.2
SFR Information (2) (1)
NOTES:
1.
The blank areas are reserved and cannot be accessed by users.
2.
This register is included in the flash memory version.
3.
This register is included in the flash memory version and one time flash version.
X : Nothing is mapped to this bit
Address
Register
Symbol
After Reset
0040h
0041h
0042h
0043h
0044h
INT3 Interrupt Control Register
INT3IC
XX00X000b
0045h
0046h
UART1 BUS Collision Detection Interrupt Control Register
U1BCNIC
XXXXX000b
0047h
UART0 BUS Collision Detection Interrupt Control Register
U0BCNIC
XXXXX000b
0048h
0049h
INT4 Interrupt Control Register
INT4IC
XX00X000b
004Ah
UART2 Bus Collision Detection Interrupt Control Register
BCNIC
XXXXX000b
004Bh
DMA0 Interrupt Control Register
DM0IC
XXXXX000b
004Ch
DMA1 Interrupt Control Register
DM1IC
XXXXX000b
004Dh
Key Input Interrupt Control Register
KUPIC
XXXXX000b
004Eh
A/D Conversion Interrupt Control Register
ADIC
XXXXX000b
004Fh
UART2 Transmit Interrupt Control Register
S2TIC
XXXXX000b
0050h
UART2 Receive Interrupt Control Register
S2RIC
XXXXX000b
0051h
UART0 Transmit Interrupt Control Register
S0TIC
XXXXX000b
0052h
UART0 Receive Interrupt Control Register
S0RIC
XXXXX000b
0053h
UART1 Transmit Interrupt Control Register
S1TIC
XXXXX000b
0054h
UART1 Receive Interrupt Control Register
S1RIC
XXXXX000b
0055h
Timer A0 Interrupt Control Register
TA0IC
XXXXX000b
0056h
Timer A1 Interrupt Control Register
TA1IC
XXXXX000b
0057h
Timer A2 Interrupt Control Register
TA2IC
XXXXX000b
0058h
0059h
005Ah
Timer B0 Interrupt Control Register
TB0IC
XXXXX000b
005Bh
Timer B1 Interrupt Control Register
TB1IC
XXXXX000b
005Ch
Timer B2 Interrupt Control Register
TB2IC
XXXXX000b
005Dh
INT0 Interrupt Control Register
INT0IC
XX00X000b
005Eh
INT1 Interrupt Control Register
INT1IC
XX00X000b
005Fh
INT2 Interrupt Control Register
INT2IC
XX00X000b
0060h
to
01AFh
01B0h
01B1h
01B2h
01B3h
01B4h
01B5h
Flash Memory Control Register 1 (2)
FMR1
0X00XX0Xb
01B6h
01B7h
Flash Memory Control Register 0 (3)
FMR0
00000001b
01B8h
01B9h
01BAh
01BBh
01BCh
01BDh
01BEh
01BFh
01C0h
to
024Fh
0250h
0251h
0252h
0253h
0254h
0255h
0256h
0257h
0258h
0259h
025Ah
025Bh
025Ch
025Dh
025Eh
Peripheral Clock Select Register
PCLKR
00000011b
025Fh
0260h
to
033Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com