Electronic Components Datasheet Search
  English  ▼

X  

M30302GCPFP Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # M30302GCPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30302GCPFP Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button M30302GCPFP Datasheet HTML 25Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 26Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 27Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 28Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 29Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 30Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 31Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 32Page - Renesas Technology Corp M30302GCPFP Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
M16C/30P Group
5. Electrical Characteristics
Rev.1.22
Mar 30, 2007
Page 29 of 53
REJ03B0088-0122
VCC1=VCC2=5V
NOTES:
1.
Referenced to VCC1=VCC2=4.2 to 5.5V, VSS = 0V at Topr =
−20 to 85°C / −40 to 85°C, f(XIN) =16MHz unless otherwise specified.
Table 5.9
Electrical Characteristics(1) (1)
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
VOH
HIGH
Output
Voltage
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_2 to P7_7, P8_0 to P8_4, P8_6,
P8_7, P9_0 to P9_7, P10_0 to P10_7
IOH=
−5mA
VCC
−2.0
VCC
V
VOH
HIGH
Output
Voltage
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_2 to P7_7, P8_0 to P8_4, P8_6,
P8_7, P9_0 to P9_7, P10_0 to P10_7
IOH=
−200μA
VCC
−0.3
VCC
V
VOH
HIGH Output Voltage
XOUT
HIGHPOWER
IOH=
−1mA
VCC
−2.0
VCC
V
LOWPOWER
IOH=
−0.5mA
VCC
−2.0
VCC
HIGH Output Voltage
XCOUT
HIGHPOWER
With no load applied
2.5
V
LOWPOWER
With no load applied
1.6
VOL
LOW
Output
Voltage
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4,
P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7
IOL=5mA
2.0
V
VOL
LOW
Output
Voltage
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4,
P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7
IOL=200
μA
0.45
V
VOL
LOW Output Voltage
XOUT
HIGHPOWER
IOL=1mA
2.0
V
LOWPOWER
IOL=0.5mA
2.0
LOW Output Voltage
XCOUT
HIGHPOWER
With no load applied
0
V
LOWPOWER
With no load applied
0
VT+-VT-
Hysteresis
TA0IN to TA2IN, TB0IN to TB2IN,
INT0 to INT4, NMI, ADTRG, CTS0 to CTS2,
CLK0 to CLK2, TA0OUT to TA2OUT, KI0 to KI3,
RXD0 to RXD2, SCL0 to SCL2, SDA0 to SDA2
0.2
1.0
V
VT+-VT-
Hysteresis
RESET
0.2
2.5
V
IIH
HIGH Input
Current
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7,
P9_0 to P9_7, P10_0 to P10_7,
XIN, RESET, CNVSS, BYTE
VI=5V
5.0
μA
IIL
LOW Input
Current
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7,
P9_0 to P9_7, P10_0 to P10_7,
XIN, RESET, CNVSS, BYTE
VI=0V
−5.0
μA
RPULLUP
Pull-Up
Resistance
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4, P8_6,
P8_7, P9_0 to P9_7, P10_0 to P10_7
VI=0V
30
50
170
k
Ω
RfXIN
Feedback Resistance XIN
1.5
M
Ω
RfXCIN
Feedback Resistance XCIN
15
M
Ω
VRAM
RAM Retention Voltage
At stop mode
2.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com