Electronic Components Datasheet Search
  English  ▼

X  

4571 Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # 4571
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4571 Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button 4571 Datasheet HTML 100Page - Renesas Technology Corp 4571 Datasheet HTML 101Page - Renesas Technology Corp 4571 Datasheet HTML 102Page - Renesas Technology Corp 4571 Datasheet HTML 103Page - Renesas Technology Corp 4571 Datasheet HTML 104Page - Renesas Technology Corp 4571 Datasheet HTML 105Page - Renesas Technology Corp 4571 Datasheet HTML 106Page - Renesas Technology Corp 4571 Datasheet HTML 107Page - Renesas Technology Corp 4571 Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 126 page
background image
Rev.1.02
May 25, 2007
Page 104 of 124
REJ03B0179-0102
4571 Group
Skip condition
Detailed description
−−
Transfers the contents of register B to register A.
−−
Transfers the contents of register A to register B.
−−
Transfers the contents of register Y to register A.
−−
Transfers the contents of register A to register Y.
−−
Transfers the contents of register B to the high-order 4 bits (E3
−E0) of register E, and the contents of register
A to the low-order 4 bits (E3
−E0) of register E.
−−
Transfers the high-order 4 bits (E7
−E4) of register E to register B, and low-order 4 bits of register E to register
A.
−−
Transfers the contents of the low-order 3 bits (A2
−A0) of register A to register D.
−−
Transfers the contents of register D to the low-order 3 bits (A2
−A0) of register A.
“0” is stored to the bit 3 (A3) of register A.
−−
Transfers the contents of register Z to the low-order 2 bits (A1, A0) of register A.
“0” is stored to the high-order 2 bits (A3, A2) of register A.
−−
Transfers the contents of register X to register A.
−−
Transfers the contents of stack pointer (SP) to the low-order 3 bits (A2
−A0) of register A.
“0” is stored to the bit 3 (A3) of register A.
Continuous
description
−
Loads the value x in the immediate field to register X, and the value y in the immediate field to register Y.
When the LXY instructions are continuously coded and executed, only the first LXY instruction is executed
and other LXY instructions coded continuously are skipped.
−−
Loads the value z in the immediate field to register Z.
(Y) = 0
−
Adds 1 to the contents of register Y. As a result of addition, when the contents of register Y is 0, the next
instruction is skipped. When the contents of register Y is not 0, the next instruction is executed.
(Y) = 15
−
Subtracts 1 from the contents of register Y. As a result of subtraction, when the contents of register Y is 15,
the next instruction is skipped. When the contents of register Y is not 15, the next instruction is executed.
−−
After transferring the contents of M(DP) to register A, an exclusive OR operation is performed between
register X and the value j in the immediate field, and stores the result in register X.
−−
After exchanging the contents of M(DP) with the contents of register A, an exclusive OR operation is
performed between register X and the value j in the immediate field, and stores the result in register X.
(Y) = 15
−
After exchanging the contents of M(DP) with the contents of register A, an exclusive OR operation is
performed between register X and the value j in the immediate field, and stores the result in register X.
Subtracts 1 from the contents of register Y. As a result of subtraction, when the contents of register Y is 15,
the next instruction is skipped. When the contents of register Y is not 15, the next instruction is executed.
(Y) = 0
−
After exchanging the contents of M(DP) with the contents of register A, an exclusive OR operation is
performed between register X and the value j in the immediate field, and stores the result in register X.
Adds 1 to the contents of register Y. As a result of addition, when the contents of register Y is 0, the next
instruction is skipped. when the contents of register Y is not 0, the next instruction is executed.
−−
After transferring the contents of register A to M(DP), an exclusive OR operation is performed between
register X and the value j in the immediate field, and stores the result in register X.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com