Electronic Components Datasheet Search
  English  ▼

X  

4571 Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # 4571
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4571 Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button 4571 Datasheet HTML 102Page - Renesas Technology Corp 4571 Datasheet HTML 103Page - Renesas Technology Corp 4571 Datasheet HTML 104Page - Renesas Technology Corp 4571 Datasheet HTML 105Page - Renesas Technology Corp 4571 Datasheet HTML 106Page - Renesas Technology Corp 4571 Datasheet HTML 107Page - Renesas Technology Corp 4571 Datasheet HTML 108Page - Renesas Technology Corp 4571 Datasheet HTML 109Page - Renesas Technology Corp 4571 Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 126 page
background image
Rev.1.02
May 25, 2007
Page 106 of 124
REJ03B0179-0102
4571 Group
Skip condition
Detailed description
Continuous
description
−
Loads the value n in the immediate field to register A.
When the LA instructions are continuously coded and executed, only the first LA instruction is executed and
other LA instructions coded continuously are skipped.
−−
Transfers bits 7 to 4 to register B and bits 3 to 0 to register A. These bits 7 to 0 are the ROM pattern in
address (DR2 DR1 DR0 A3 A2 A1 A0)2 specified by registers A and D in page p. When UPTF is 1, Transfers
bits 9, 8 to the low-order 2 bits (DR1, DR0) of register D, and “0” is stored to the least significant bit (DR2) of
register D.
When this instruction is executed, 1 stage of stack register (SK) is used.
−−
Adds the contents of M(DP) to register A. Stores the result in register A. The contents of carry flag CY
remains unchanged.
−
0/1 Adds the contents of M(DP) and carry flag CY to register A. Stores the result in register A and carry flag CY.
Overflow = 0
−
Adds the value n in the immediate field to register A, and stores a result in register A.
The contents of carry flag CY remains unchanged.
Skips the next instruction when there is no overflow as the result of operation.
Executes the next instruction when there is overflow as the result of operation.
−−
Takes the AND operation between the contents of register A and the contents of M(DP), and stores the result
in register A.
−−
Takes the OR operation between the contents of register A and the contents of M(DP), and stores the result
in register A.
−
1
Sets (1) to carry flag CY.
−
0
Clears (0) to carry flag CY.
(CY) = 0
−
Skips the next instruction when the contents of carry flag CY is “0”. Executes the next instruction when the
contents of carry flag CY is “1”.
The contents of carry flag CY remains unchanged.
−−
Stores the one’s complement for register A’s contents in register A.
−
0/1 Rotates 1 bit of the contents of register A including the contents of carry flag CY to the right.
−−
Sets (1) the contents of bit j (bit specified by the value j in the immediate field) of M(DP).
−−
Clears (0) the contents of bit j (bit specified by the value j in the immediate field) of M(DP).
(Mj(DP)) = 0
j = 0 to 3
−
Skips the next instruction when the contents of bit j (bit specified by the value j in the immediate field) of
M(DP) is “0”.
Executes the next instruction when the contents of bit j of M(DP) is “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com